Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP180NS04ZC Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STP180NS04ZC
Szczegółowy opis  N-channel clamped 3.5 m廓 - 120 A TO-220 fully protected SAFeFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP180NS04ZC Arkusz danych(HTML) 3 Page - STMicroelectronics

  STP180NS04ZC Datasheet HTML 1Page - STMicroelectronics STP180NS04ZC Datasheet HTML 2Page - STMicroelectronics STP180NS04ZC Datasheet HTML 3Page - STMicroelectronics STP180NS04ZC Datasheet HTML 4Page - STMicroelectronics STP180NS04ZC Datasheet HTML 5Page - STMicroelectronics STP180NS04ZC Datasheet HTML 6Page - STMicroelectronics STP180NS04ZC Datasheet HTML 7Page - STMicroelectronics STP180NS04ZC Datasheet HTML 8Page - STMicroelectronics STP180NS04ZC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP180NS04ZC
Electrical ratings
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
33 (1)
1.
Voltage is limited by zener diodes
V
VDG
Drain-gate voltage
33 (1)
V
VGS
Gate-source voltage
± 20 (1)
V
ID
(2)
2.
Current limited by wire bonding
Drain current (continuous) at TC = 25 °C
120
A
ID
(2)
Drain current (continuous) at TC=100 °C
120
A
IDG
Drain gate current (continuous)
±50
mA
IGS
Gate-source current (continuous)
±50
mA
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
VESD(G-S)
Gate-source ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
VESD(G-D)
Gate-drain ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
VESD(D-S)
Drain-source ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.50
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax
δ < 1%)
80
A
EAS
Single pulse avalanche energy
(starting Tj=25 °C, ID=IAS, VDD=21 V)
(see Figure 17, Figure 14.)
1000
mJ


Podobny numer części - STP180NS04ZC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
STP180NS04ZC DOINGTER-STP180NS04ZC Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - STP180NS04ZC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STP90NS04ZC STMICROELECTRONICS-STP90NS04ZC Datasheet
328Kb / 13P
   N-channel clamped 5m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STD70NS04ZL STMICROELECTRONICS-STD70NS04ZL Datasheet
746Kb / 13P
   N-channel clamped 9.5 m, 70 A DPAK fully protected SAFeFET Power MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
   N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY??MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com