Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC6146 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części 2SC6146
Szczegółowy opis  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6146 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  2SC6146 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6146 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6146
No. A1160-1/4
Features
High breakdown voltage.
Ultrahigh-speed switching.
Wide ASO.
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
800
V
Collector-to-Emitter Voltage
VCES
800
V
Collector-to-Emitter Voltage
VCEO
350
V
Emitter-to-Base Voltage
VEBO
8V
Collector Current
IC
1A
Collector Current (Pulse)
ICP
PW≤300μs, duty cycle≤10%
2
A
Base Current
IB
0.5
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=400V, IE=0A
10
μA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0A
10
μA
hFE1VCE=5V, IC=0.1A
100
200
DC Current Gain
hFE2VCE=5V, IC=0.5A
10
hFE3VCE=5V, IC=1mA
20
Continued on next page.
Ordering number : ENA1160
O2208CB MS IM TC-00001663
SANYO Semiconductors
DATA SHEET
2SC6146
NPN Triple Diffused Planar Silicon Transistor
Switching Regulator Applications
www.semiconductor-sanyo.com/network
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Podobny numer części - 2SC6146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
   Transistor Silicon NPN Epitaxial Type
2SC6140 TOSHIBA-2SC6140 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Sanyo Semicon Device
2SC6141 SANYO-2SC6141 Datasheet
317Kb / 4P
   230V / 15A, AF100W Output Applications
logo
Toshiba Semiconductor
2SC6142 TOSHIBA-2SC6142 Datasheet
212Kb / 5P
   High Voltage Switching Applications
2SC6142 TOSHIBA-2SC6142 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - 2SC6146

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SC6065 SANYO-2SC6065 Datasheet
42Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
CPH3249A SANYO-CPH3249A Datasheet
54Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
SPA13003 SANYO-SPA13003 Datasheet
283Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5957M SANYO-2SC5957M Datasheet
37Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083A SANYO-2SC6083A Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6106 SANYO-2SC6106 Datasheet
49Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC4460M-SV SANYO-2SC4460M-SV Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6084 SANYO-2SC6084 Datasheet
51Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
2SC6083 SANYO-2SC6083 Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com