Zakładka z wyszukiwarką danych komponentów |
|
TS5A22362 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
TS5A22362 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 28 page ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY (1) TS5A22362 ,, TS5A22364 www.ti.com.................................................................................................................................................... SCDS261B – MARCH 2008 – REVISED AUGUST 2008 V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, V+ – 5.5 V+ V range VNO, VNC VNC or VNO ≤ V+, 25°C 0.61 0.87 COM to NO or ON-state 1.5 V, ron NC, 3 V Ω resistance V+ – 5.5 V, Full 0.97 See Figure 16 ICOM = –100 mA, ON-state 25°C 0.024 0.13 COM to NO or resistance match VNC or VNO = 1.5 V, Δron NC, 3 V Ω between ICOM = –100 mA, Full 0.13 See Figure 16 channels VNC or VNO ≤ V+, 25°C 0.12 0.46 ON-state COM to NO or 1.5 V, resistance ron(flat) NC, 3 V Ω V+ – 5.5 V, Full 0.5 flatness See Figure 16 ICOM = –100 mA, Shunt switch resistance rSH INO or INC = 10 mA Full 3 V 25 37 Ω (TS5A22364 only) VNC = 3 V, V+ – 5.5 V 25°C –50 50 VCOM = V+ – 5.5 V, 3 V NC, NO VNO = Open OFF leakage COM to NO INC(OFF), current or See Figure 17 3.6 V nA INO(OFF) Full –375 375 (TS5A22362 VNO = 3 V, V+ – 5.5 V, only) VCOM = V+ – 5.5 V, 3 V VNC = Open COM to NC COM COM to NO or 25°C –50 50 VNC and VNO = Open, ON leakage ICOM(ON) NC, 3.6 V nA VCOM = V+,V+ – 5.5 V, Full –375 375 current See Figure 18 Digital Control Inputs (IN)(2) Input logic high VIH Full 1.4 5.5 V Input logic low VIL Full 0.8 V 25°C –250 250 Input leakage IIH, IIL VIN = V+ or 0 3.6 V nA current Full –250 250 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TS5A22362 TS5A22364 |
Podobny numer części - TS5A22362 |
|
Podobny opis - TS5A22362 |