Zakładka z wyszukiwarką danych komponentów |
|
IRF9610 Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
IRF9610 Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 91080 www.vishay.com S-Pending-Rev. A, 20-Jun-08 WORK-IN-PROGRESS 1 Power MOSFET IRF9610, SiHF9610 Vishay Siliconix FEATURES • Dynamic dV/dt Rating • P-Channel • Fast Switching • Ease of Paralleling • Simple Drive Requirements • Lead (Pb)-free Available DESCRIPTION The Power MOSFETs technology is the key to Vishay’s advanced line of Power MOSFET transistors. The efficient geometry and unique processing of the Power MOSFETs design achieve very low on-state resistance combined with high transconductance and extreme device ruggedness. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 W. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry. Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 5). b. Not applicable. c. ISD ≤ - 1.8 A, dI/dt ≤ 70 A/µs, VDD ≤ VDS, TJ ≤ 150 °C. d. 1.6 mm from case. PRODUCT SUMMARY VDS (V) - 200 RDS(on) (Ω)VGS = - 10 V 3.0 Qg (Max.) (nC) 11 Qgs (nC) 7.0 Qgd (nC) 4.0 Configuration Single S G D P-Channel MOSFET TO-220 G D S Available RoHS* COMPLIANT ORDERING INFORMATION Package TO-220 Lead (Pb)-free IRF9610PbF SiHF9610-E3 SnPb IRF9610 SiHF9610 ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted PARAMETER SYMBOL LIMIT UNIT Drain-Source Voltage VDS - 200 V Gate-Source Voltage VGS ± 20 Continuous Drain Current VGS at - 10 V TC = 25 ID - 1.8 A TC = 100 - 1.0 Pulsed Drain Currenta IDM - 7.0 Linear Derating Factor 0.16 W/°C Maximum Power Dissipation TC = 25 °C PD 20 W Inductive Current, Clamp ILM - 7.0 A Peak Diode Recovery dV/dtc dV/dt - 5.0 V/ns Operating Junction and Storage Temperature Range TJ, Tstg - 55 to + 150 °C Soldering Recommendations (Peak Temperature) for 10 s 300d Mounting Torque 6-32 or M3 screw 10 lbf · in 1.1 N · m * Pb containing terminations are not RoHS compliant, exemptions may apply |
Podobny numer części - IRF9610 |
|
Podobny opis - IRF9610 |