Zakładka z wyszukiwarką danych komponentów |
|
LC01700PW Arkusz danych(PDF) 6 Page - Sanyo Semicon Device |
|
LC01700PW Arkusz danych(HTML) 6 Page - Sanyo Semicon Device |
6 / 18 page LC01700PW No.A1337-6/18 Communications Specifications Communications specifications are shown below : Serial Interface(I 2C-bus) ; Serial interface (I2C-bus) Send/receive is made via I 2C-bus that consists of two bus lines, each being a serial • data • line (SDA) and serial • clock • line (SCL). This bus enables 8-bit bi-directional serial data transmission at maximum 400kbit/s (fast mode). This is not compatible with the Hs mode. 1. Terms used in I 2C The following terms are used in I 2C. Terms Description Transmitter Device to send data to the bus Receiver Device to receive data from the bus Master Device to start data transmission, to generate the clock signal, and to end data transmission Slave Device whose address is designated by the master 2. "Start" and "Stop" conditions "Start" condition must be satisfied at start of data communications and "Stop" condition must be satisfied at end of communications. The condition in which the SDA line changes from "H" to "L" with SCL at "H" is called the "Start" line. The condition in which the SDA line changes from "L" to "H" with SCL at "H" is called the "Stop" condition. SDA SCL SDA SCL S START condition STOP condition P |
Podobny numer części - LC01700PW |
|
Podobny opis - LC01700PW |