Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75857E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75857E
Szczegółowy opis  CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75857E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75857E Datasheet HTML 1Page - Sanyo Semicon Device LC75857E Datasheet HTML 2Page - Sanyo Semicon Device LC75857E Datasheet HTML 3Page - Sanyo Semicon Device LC75857E Datasheet HTML 4Page - Sanyo Semicon Device LC75857E Datasheet HTML 5Page - Sanyo Semicon Device LC75857E Datasheet HTML 6Page - Sanyo Semicon Device LC75857E Datasheet HTML 7Page - Sanyo Semicon Device LC75857E Datasheet HTML 8Page - Sanyo Semicon Device LC75857E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN*7980
92504TN (OT) No. 7980-1/39
Overview
The LC75857E and LC75857W are 1/3 duty and 1/4 duty LCD display drivers that can directly drive up to 164
segments and can control up to four general-purpose output ports. These products also incorporate a key scan circuit
that accepts input from up to 30 keys to reduce printed circuit board wiring.
Features
• Key input function for up to 30 keys (A key scan is performed only when a key is pressed.)
• 1/3 duty and 1/4 duty drive schemes can be controlled from serial data.
• 1/2 bias and 1/3 bias drive schemes can be controlled from serial data.
• Capable of driving up to 126 segments using 1/3 duty and up to 164 segments using 1/4 duty.
• Sleep mode and all segments off functions that are controlled from serial data.
• Switching between key scan output and segment output can be controlled from the serial data.
• The key scan operation enabled/disabled state can be controlled from the serial data.
• Switching between segment output port and general-purpose output port can be controlled from serial data.
• The common and segment output waveform frame frequency can be controlled from the serial data.
• Switching between RC oscillator mode and external clock mode can be controlled from the serial data.
• Serial data I/O supports CCB format communication with the system controller.
• Direct display of display data without the use of a decoder provides high generality.
• Independent VLCD for the LCD driver block.
(When the logic block supply voltage VDD is in the range 3.6 to 6.0 V, VLCD can be set to a voltage in the range 0.75 × VDD
to 6.0 V, and when VDD is in the range 2.7 to 3.6 V, VLCD can be set to a voltage in the range 2.7 to 6.0 V.)
• Provision of an on-chip voltage-detection type reset circuit prevents incorrect displays.
SANYO Semiconductors
DATA SHEET
LC75857E
LC75857W
CMOS IC
1/3, 1/4 Duty LCD Display Drivers with Key Input
Function
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Preliminary


Podobny numer części - LC75857E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75857E ONSEMI-LC75857E Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857E-E ONSEMI-LC75857E-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857ES-E ONSEMI-LC75857ES-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

Podobny opis - LC75857E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com