Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4350 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADF4350
Szczegółowy opis  Wideband Synthesizer with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Arkusz danych(HTML) 3 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices ADF4350 Datasheet HTML 5Page - Analog Devices ADF4350 Datasheet HTML 6Page - Analog Devices ADF4350 Datasheet HTML 7Page - Analog Devices ADF4350 Datasheet HTML 8Page - Analog Devices ADF4350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF4350
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = VVCO = SDVDD = VP = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating
temperature range is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
REFIN CHARACTERISTICS
Input Frequency
10
105
MHz
For f < 10 MHz ensure slew rate > 21 V/μs
Input Sensitivity
0.7
AVDD
V p-p
Biased at AVDD/21
Input Capacitance
10
pF
Input Current
±60
μA
PHASE DETECTOR
Phase Detector Frequency2
32
MHz
CHARGE PUMP
ICP Sink/Source3
With RSET = 5.1 kΩ
High Value
5
mA
Low Value
0.312
mA
RSET Range
2.7
10
Sink and Source Current Matching
2
%
0.5 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
%
0.5 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
%
VCP = 2.0 V
LOGIC INPUTS
Input High Voltage, VINH
1.5
V
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output chosen
Output High Current, IOH
500
μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD, VVCO, SDVDD, VP
AVDD
These voltages must equal AVDD
DIDD + AIDD4
21
27
mA
Output Dividers
6 to 24
mA
Each output divide-by-2 consumes 6 mA
IVCO4
70
80
mA
IRFOUT4
21
26
mA
RF output stage is programmable
Low Power Sleep Mode
7
1000
μA
RF OUTPUT CHARACTERISTICS
Maximum VCO Output Frequency
4400
MHz
Minimum VCO Output Frequency
2200
MHz
Fundamental VCO mode
Minimum VCO Output Frequency
Using Dividers
137.5
MHz
2200 MHz fundamental output and divide by 16 selected
VCO Sensitivity
33
MHz/V
Frequency Pushing (Open-Loop)
1
MHz/V
Frequency Pulling (Open-Loop)
90
kHz
Into 2.00 VSWR load
Harmonic Content (Second)
−19
dBc
Fundamental VCO output
Harmonic Content (Third)
−13
dBc
Fundamental VCO output
Harmonic Content (Second)
−20
dBc
Divided VCO output
Harmonic Content (Third)
−10
dBc
Divided VCO output
Minimum RF Output Power 5
−4
dBm
Programmable in 3 dB steps
Maximum RF Output Power5
5
dBm
Output Power Variation
±1
dB
Minimum VCO Tuning Voltage
0.5
V
Maximum VCO Tuning Voltage
2.5
V


Podobny numer części - ADF4350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADF4350 AD-ADF4350 Datasheet
258Kb / 4P
   Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
REV. C
ADF4350 AD-ADF4350 Datasheet
246Kb / 6P
   Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
REV. 0
ADF4350 AD-ADF4350 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADF4350 AD-ADF4350 Datasheet
404Kb / 5P
    Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
More results

Podobny opis - ADF4350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com