Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFP15N60LPBF Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części IRFP15N60LPBF
Szczegółowy opis  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP15N60LPBF Arkusz danych(HTML) 2 Page - Vishay Siliconix

  IRFP15N60LPBF Datasheet HTML 1Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 2Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 3Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 4Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 5Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 6Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 7Page - Vishay Siliconix IRFP15N60LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91204
2
S-Pedning-Rev. B, 24-Jun-08
IRFP15N60L, SiHFP15N60L
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
Coss eff. (ER) is a fixed capacitance that stores the same energy as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.44
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
600
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.39
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
50
µA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
2.0
mA
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 9.0 Ab
-
0.385
0.460
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 9.0 A
8.3
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
2720
-
pF
Output Capacitance
Coss
-
260
-
Reverse Transfer Capacitance
Crss
-20
-
Effective Output Capacitance
Coss eff.
VGS = 0 V,
VDS = 0 V to 480 Vc
-
120
-
Effective Output Capacitance
(Energy Related)
Coss eff. (ER)
-
100
-
Total Gate Charge
Qg
VGS = 10 V
ID = 15 A, VDS = 480 V,
see fig. 7 and 15b
-
-
100
nC
Gate-Source Charge
Qgs
--
30
Gate-Drain Charge
Qgd
--
46
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 15 A,
RG = 1.8 Ω, VGS = 10 V,
see fig. 11a and 11bb
-20
-
ns
Rise Time
tr
-44
-
Turn-Off Delay Time
td(off)
-28
-
Fall Time
tf
-5.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
15
A
Pulsed Diode Forward Currenta
ISM
--
60
Body Diode Voltage
VSD
TJ = 25 °C, IS = 15 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 15 A
-
130
200
ns
TJ = 125 °C, dI/dt = 100 A/µsb
-
240
360
Body Diode Reverse Recovery Charge
Qrr
TJ = 25 °C, IF = 15 A, VGS = 0 Vb
-
450
670
nC
TJ = 125 °C, dI/dt = 100 A/µsb
-
1080
1620
Reverse Recovery Time
IRRM
TJ = 25 °C
-
5.8
8.7
A
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


Podobny numer części - IRFP15N60LPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP15N60LPBF IRF-IRFP15N60LPBF Datasheet
188Kb / 9P
   SMPS MOSFET
More results

Podobny opis - IRFP15N60LPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com