Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5752 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA5752
Szczegółowy opis  Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5752 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA5752 Datasheet HTML 1Page - Sanyo Semicon Device LA5752 Datasheet HTML 2Page - Sanyo Semicon Device LA5752 Datasheet HTML 3Page - Sanyo Semicon Device LA5752 Datasheet HTML 4Page - Sanyo Semicon Device LA5752 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LA5752
PS No.A0947-5/5
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Timing Chart
This catalog provides information as of September, 2007. Specifications and information herein are subject
to change without notice.
VIN
SWOUT
VOUT
Td
Tss


Podobny numer części - LA5752

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
More results

Podobny opis - LA5752

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777 SANYO-LA5777 Datasheet
62Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5772 SANYO-LA5772 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5751MP SANYO-LA5751MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5753 SANYO-LA5753 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5751 SANYO-LA5751 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5753MP SANYO-LA5753MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com