Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFP22N50A Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części IRFP22N50A
Szczegółowy opis  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP22N50A Arkusz danych(HTML) 1 Page - Vishay Siliconix

  IRFP22N50A Datasheet HTML 1Page - Vishay Siliconix IRFP22N50A Datasheet HTML 2Page - Vishay Siliconix IRFP22N50A Datasheet HTML 3Page - Vishay Siliconix IRFP22N50A Datasheet HTML 4Page - Vishay Siliconix IRFP22N50A Datasheet HTML 5Page - Vishay Siliconix IRFP22N50A Datasheet HTML 6Page - Vishay Siliconix IRFP22N50A Datasheet HTML 7Page - Vishay Siliconix IRFP22N50A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91207
www.vishay.com
S-81264-Rev. A, 21-Jul-08
1
Power MOSFET
IRFP22N50A, SiHFP22N50A
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully
Characterized
Capacitance
and
Avalanche Voltage and Current
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptable Power Supply
• High Speed Power Switching
TYPICAL SMPS TOPOLOGIES
• Full Bridge Converters
• Power Factor Correction Boost
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 4.87 mH, RG = 25 Ω, IAS = 22 A (see fig. 12).
c. ISD ≤ 22 A, dI/dt ≤ 190 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.23
Qg (Max.) (nC)
120
Qgs (nC)
32
Qgd (nC)
52
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRP22N50APbF
SiHFP22N50A-E3
SnPb
IRP22N50A
SiHFP22N50A
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
22
A
TC = 100 °C
14
Pulsed Drain Currenta
IDM
88
Linear Derating Factor
2.2
W/°C
Single Pulse Avalanche Energyb
EAS
1180
mJ
Repetitive Avalanche Currenta
IAR
22
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
277
W
Peak Diode Recovery dV/dtc
dV/dt
4.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Podobny numer części - IRFP22N50A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP22N50A IRF-IRFP22N50A Datasheet
103Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
319Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP22N50A ISC-IRFP22N50A Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
342Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP22N50A VISHAY-IRFP22N50A Datasheet
321Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Podobny opis - IRFP22N50A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com