Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFP26N60L Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części IRFP26N60L
Szczegółowy opis  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP26N60L Arkusz danych(HTML) 5 Page - Vishay Siliconix

  IRFP26N60L Datasheet HTML 1Page - Vishay Siliconix IRFP26N60L Datasheet HTML 2Page - Vishay Siliconix IRFP26N60L Datasheet HTML 3Page - Vishay Siliconix IRFP26N60L Datasheet HTML 4Page - Vishay Siliconix IRFP26N60L Datasheet HTML 5Page - Vishay Siliconix IRFP26N60L Datasheet HTML 6Page - Vishay Siliconix IRFP26N60L Datasheet HTML 7Page - Vishay Siliconix IRFP26N60L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 91218
www.vishay.com
S-81264-Rev. B, 21-Jul-08
5
IRFP26N60L, SiHFP26N60L
Vishay Siliconix
Fig. 9a - Maximum Safe Operating Area
Fig. 11a - Switching Time Test Circuit
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11b - Switching Time Waveforms
Fig. 12 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
10 msec
1 msec
100
μsec
TC = 25 °C
TJ = 150 °C
Single Pulse
1
10
1000
10000
0.1
10
100
1000
VDS, Drain-to-Source Voltage (V)
OPERATING IN THIS AREA LIMITED
BY RDS(on)
1
100
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
TC, Case Temperature (°C)
25
50
75
100
125
150
0
5
10
15
20
30
25
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
0.0001
0.001
0.1
1
1E-006
0.0001
0.001
0.1
t , Rectangular Pulse Duration (sec)
0.01
0.02
0.05
0.20
D = 0.50
0.01
1E-005
1
0.10
SINGLE PULSE
(THERMAL RESPONSE)
t1
t2
Notes:
1. Duty factor D = t1/ t2
2. Peak TJ = PDM x ZthJC + TC
PDM
0.01


Podobny numer części - IRFP26N60L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP26N60L IRF-IRFP26N60L Datasheet
198Kb / 9P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFP26N60L ISC-IRFP26N60L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP26N60L VISHAY-IRFP26N60L Datasheet
226Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP26N60L VISHAY-IRFP26N60L Datasheet
220Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
   HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
More results

Podobny opis - IRFP26N60L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com