Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74V245-7PAG Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74V245-7PAG
Szczegółowy opis  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74V245-7PAG Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74V245-7PAG Datasheet HTML 3Page - Texas Instruments SN74V245-7PAG Datasheet HTML 4Page - Texas Instruments SN74V245-7PAG Datasheet HTML 5Page - Texas Instruments SN74V245-7PAG Datasheet HTML 6Page - Texas Instruments SN74V245-7PAG Datasheet HTML 7Page - Texas Instruments SN74V245-7PAG Datasheet HTML 8Page - Texas Instruments SN74V245-7PAG Datasheet HTML 9Page - Texas Instruments SN74V245-7PAG Datasheet HTML 10Page - Texas Instruments SN74V245-7PAG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
Table 2. Offset Register Location and Default Values
17
12
11
0
Empty Offset Register
Not used
Default Value
003FH (74V215):
007FH (74V225/74V235/74V245)
17
12
11
0
Full Offset Register
Not used
Default Value
003FH (74V215):
007FH (74V225/74V235/74V245)
† Any bits of the offset register not being programmed should be set to zero.
When LD is low and WEN is high, the WCLK input is disabled; then, a signal at this input can neither increment
the write-offset-register pointer, nor execute a write.
The contents of the offset registers can be read on the output lines when LD is low and REN is low; then, data
can be read on the low-to-high transition of RCLK. Reading the control registers employs a dedicated
read-offset-register pointer. (The read and write pointers operate independently.) Offset register content can be
read out in the standard mode only. It is inhibited in the FWFT mode.
A read from and a write to the offset registers should not be performed simultaneously.
FIRST LOAD (FL)
For the single-device mode, see Table 5 for additional information. In the daisy-chain depth-expansion
configuration, FL is grounded to indicate it is the first device loaded and is set high for all other devices in the
daisy chain (see Operating Configurations for further details).
WRITE EXPANSION INPUT (WXI)
This is a dual-purpose pin. For single-device mode, see Table 5 for additional information. WXI is connected
to write expansion out (WXO) of the previous device in the daisy-chain depth-expansion mode.
READ EXPANSION INPUT (RXI)
This is a dual-purpose pin. For single-device mode, see Table 5 for additional information. RXI is connected to
read expansion out (RXO) of the previous device in the daisy-chain depth-expansion mode.
OUTPUTS:
FULL FLAG/INPUT READY (FF/IR)
This is a dual-purpose pin. In FWFT mode, the input ready (IR) function is selected. IR goes low when memory
space is available for writing data. When there is no free space left, IR goes high, inhibiting further write
operations.
In standard mode, the FF function is selected. When the FIFO is full, FF goes low, inhibiting further write
operations. When FF is high, the FIFO is not full. If no reads are performed after a reset, FF goes low after
D writes to the FIFO. D = 512 for the SN74V215, 1024 for the SN74V225, 2048 for the SN74V235, and 4096
for the SN74V245.
IR goes high after D writes to the FIFO. D = 513 for the SN74V215, 1025 for the SN74V225, 2049 for the
SN74V235, and 4097 for the SN74V245. The additional word in FWFT mode is due to the capacity of the
memory plus output register.
FF/IR is synchronous and updated on the rising edge of WCLK.


Podobny numer części - SN74V245-7PAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V245-7PAG TI-SN74V245-7PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74V245-7PAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com