Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-016M001B Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części LCD-016M001B
Szczegółowy opis  16 x 1 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016M001B Arkusz danych(HTML) 1 Page - Vishay Siliconix

  LCD-016M001B_08 Datasheet HTML 1Page - Vishay Siliconix LCD-016M001B_08 Datasheet HTML 2Page - Vishay Siliconix LCD-016M001B_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
25
LCD-016M001B
Vishay
Document Number: 37215
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
16 x 1 Character LCD
FEATURES
• 5 x 8 dots with cursor
• Built-in controller (KS 0066 or Equivalent)
• + 5V power supply
• 1/16 duty cycle
• B/L to be driven by pin 1, pin 2, pin 15, pin 16 or A.K (LED)
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
85.0 x 28.0
mm
Viewing Area
66.0 x 16.0
mm
Dot Size
0.55 x 0.75
mm
Character Size
3.07 x 6.56
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 0.3
7.0
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.7
5.0
5.3
V
Supply Current
IDD
VDD = 5V
1.2
3.0
mA
- 20
°C
4.9
5.1
5.5
Recommended LC Driving
VDD - V0
0
°C
4.5
4.8
5.1
Voltage for Normal Temp.
25
°C
4.1
4.5
4.7
V
Version Module
50
°C
3.8
4.2
4.4
70
°C
3.5
3.9
4.1
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
130
260
mA
EL Power Supply Current
IEL
Vel = 110VAC:400Hz
5.0
mA
Display Position
DD RAM Address
DISPLAY CHARACTER ADDRESS CODE:
00
01
07
40
41
47
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Podobny numer części - LCD-016M001B_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-016M001B VISHAY-LCD-016M001B Datasheet
81Kb / 2P
   16 x 1 Character LCD
Revision 01-Oct-02
More results

Podobny opis - LCD-016M001B_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-016M001L VISHAY-LCD-016M001L Datasheet
79Kb / 2P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016N001A-TFH-ET VISHAY-LCD-016N001A-TFH-ET Datasheet
438Kb / 27P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001A-TMI-ET VISHAY-LCD-016N001A-TMI-ET Datasheet
382Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001B-NGG-ET VISHAY-LCD-016N001B-NGG-ET Datasheet
444Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD016N001BNGGET VISHAY-LCD016N001BNGGET Datasheet
444Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
LCD-016M001A VISHAY-LCD-016M001A_08 Datasheet
113Kb / 3P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016N001L-NFG-ET VISHAY-LCD-016N001L-NFG-ET Datasheet
583Kb / 26P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001L-TMI-ET VISHAY-LCD-016N001L-TMI-ET Datasheet
595Kb / 27P
   16 x 1 Character LCD
01-Jan-2022
LCD-016N001L VISHAY-LCD-016N001L Datasheet
73Kb / 3P
   16 x 1 Character LCD
01-Jan-2022
LCD016N001ANGGET VISHAY-LCD016N001ANGGET Datasheet
377Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
LCD016N001ATMIET VISHAY-LCD016N001ATMIET Datasheet
383Kb / 26P
   16 x 1 Character LCD
01-Jan-2023
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com