Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-128G064A Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części LCD-128G064A
Szczegółowy opis  128 x 64 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128G064A Arkusz danych(HTML) 2 Page - Vishay Siliconix

  LCD-128G064A Datasheet HTML 1Page - Vishay Siliconix LCD-128G064A Datasheet HTML 2Page - Vishay Siliconix LCD-128G064A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37233
Revision 01-Oct-02
www.vishay.com
82
LCD-128G064A
Vishay
For Technical Questions, Contact: Displays@Vishay.com
128 x 64 Dots Graphic LCD
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
Power Supply (+ 5V)
3
Vo
Contrast Adjustment
4
D/I
Data/Instruction
5
R/W
Data Read/Write
6E
H
→L Enable Signal
7
DB0
Data Bus Line
8
DB1
Data Bus Line
9
DB2
Data Bus Line
10
DB3
Data Bus Line
11
DB4
Data Bus Line
12
DB5
Data Bus Line
13
DB6
Data Bus Line
14
DB7
Data Bus Line
15
CS1
Chip Select for IC1
16
CS2
Chip Select for IC2
17
RST
Reset
18
Vee
Negative Voltage Output
19
A
Power Supply for LED (4.2V)
20
K
Power Supply for LED (0V)
DIMENSIONS in millimeters
93.0
± 0.5
80.0
72.0 (VA)
66.52 (AA)
1.5
88.0
P2.54*19 = 48.26
14.0
2.5
2.0
1.8
20 Ø 1.0 PTH
1
4 - Ø 2.5 PTH
4 - Ø 6.5 PAD
4 - Ø 1.0 PTH
A
K
7.0
10.5
13.24
13.6 MAX
9.7 MAX
9.0
5.1
1.6
1.6
LED B/L
EL or NO B/L
0.52
0.48
DOT SIZE


Podobny numer części - LCD-128G064A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064C VISHAY-LCD-128G064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064D VISHAY-LCD-128G064D Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results

Podobny opis - LCD-128G064A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064C VISHAY-LCD-128X064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064J VISHAY-LCD-128G064J Datasheet
112Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064C VISHAY-LCD-128G064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064D VISHAY-LCD-128G064D Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064E VISHAY-LCD-128G064E Datasheet
123Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com