Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD6050-V-GS18 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części MMBD6050-V-GS18
Szczegółowy opis  Small Signal Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD6050-V-GS18 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  MMBD6050-V-GS18 Datasheet HTML 1Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 2Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 3Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 4Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 5Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBD6050-V
Document Number 85735
Rev. 1.3, 07-Apr-05
Vishay Semiconductors
www.vishay.com
3
Figure 3. Dynamic Forward Resistance vs. Forward Current
Figure 4. Relative Capacitance vs. Reverse Voltage
18662
1
10
100
1000
10000
110
0.1
0.01
100
IF - Forward Current ( mA )
=25
°C
Tj
f=1kHz
18664
2468
0
1.1
1.0
0.9
0.8
0.7
10
VR - Reverse Voltage(V)
=25
°C
Tj
f=1MHz
Figure 5. Leakage Current vs. Junction Temperature
18665
1
10
100
1000
10000
0
20
40 60 80 100 120 140 160 180 200
Tj - Junction Temperature (
° C)
=20V
VR
Figure 6. Admissible Repetitive Peak Forward Current vs. Pulse Duration
10
10
1
-1
100
10
1
0.1
ν
/T
T = 1/f
=t pp
I FRM
t p
T
t
I
ν=0
0.1
0.2
0.5
10 -5
10 -4
10 -3
10 -2
18666
tp - Pulse Length(s)


Podobny numer części - MMBD6050-V-GS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MMBD6050-V VISHAY-MMBD6050-V_12 Datasheet
84Kb / 5P
   Small Signal Switching Diode
Rev. 1.4, 12-Aug-10
More results

Podobny opis - MMBD6050-V-GS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com