Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1025X Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1025X
Szczegółowy opis  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1025X Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1025X Datasheet HTML 1Page - Vishay Siliconix SI1025X Datasheet HTML 2Page - Vishay Siliconix SI1025X Datasheet HTML 3Page - Vishay Siliconix SI1025X Datasheet HTML 4Page - Vishay Siliconix SI1025X Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71433
S-80643-Rev. B, 24-Mar-08
Vishay Siliconix
Si1025X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 10 µA
- 60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 0.25 mA
- 1
- 3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 200
nA
VDS = 0 V, VGS = ± 5 V
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = - 50 V, VGS = 0 V
- 25
VDS = - 50 V, VGS = 0 V, TJ = 85 °C
- 250
On-State Drain Currenta
ID(on)
VDS = - 10 V, VGS = - 4.5 V
- 50
mA
VDS = - 10 V, VGS = - 10 V
- 600
Drain-Source On-Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 25 mA
8
Ω
VGS = - 10 V, ID = - 500 mA
4
VGS = - 10 V, ID = - 500 mA, TJ = 125 °C
6
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 100 mA
100
mS
Diode Forward Voltagea
VSD
IS = - 200 mA, VGS = 0 V
- 1.4
V
Dynamicb
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 15 V, ID ≅ - 500 mA
1.7
nC
Gate-Source Charge
Qgs
0.26
Gate-Drain Charge
Qgd
0.46
Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V, f = 1 MHz
23
pF
Output Capacitance
Coss
10
Reverse Transfer Capacitance
Crss
5
Switchingb, c
Turn-On Time
tON
VDD = - 25 V, RL = 150 Ω, ID ≅ - 165 mA,
VGEN = - 10 V, RG = 10 Ω
20
ns
Turn-Off Time
tOFF
35
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V
5 V
4 V
6 V
7 V
8 V
Transfer Characteristics
0
300
600
900
1200
0246
8
10
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C


Podobny numer części - SI1025X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1025X VISHAY-SI1025X Datasheet
47Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1025X VISHAY-SI1025X Datasheet
147Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1025X VISHAY-SI1025X_V01 Datasheet
147Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1025X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com