Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1032R-T1-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1032R-T1-E3
Szczegółowy opis  N-Channel 1.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032R-T1-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1032R-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1032R-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1032R/X
Document Number: 71172
S-81543-Rev. E, 07-Jul-08
www.vishay.com
1
N-Channel 1.5-V (G-S) MOSFET
FEATURES
Halogen-free Option Available
Low-Side Switching
Low On-Resistance: 5
Ω
Low Threshold: 0.9 V (typ.)
Fast Switching Speed: 35 ns
TrenchFET® Power MOSFETs: 1.5-V Rated
2000 V ESD Protection
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (mA)
20
5 at VGS = 4.5 V
200
7 at VGS = 2.5 V
175
9 at VGS = 1.8 V
150
10 at VGS = 1.5 V
50
Ordering Information:
Si1032R-T1-E3 (SC-75A, Lead (Pb)-free)
Si1032R-T1-GE3 (SC-75A, Lead (Pb)-free and Halogen-free)
Si1032X-T1-E3 (SC-89, Lead (Pb)-free)
Si1032X-T1-GE3 (SC-89, Lead (Pb)-free and Halogen-free)
Top View
2
1
S
D
G
3
Marking Code: G
SC-75A or SC-89
Notes:
a. Surface Mounted on FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Si1032R
Si1032X
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 6
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
200
140
210
200
mA
TA = 85 °C
110
100
150
140
Pulsed Drain Currenta
IDM
500
600
Continuous Source Current (Diode Conduction)a
IS
250
200
300
240
Maximum Power Dissipationa for SC-75
TA = 25 °C
PD
280
250
340
300
mW
TA = 85 °C
145
130
170
150
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
RoHS
COMPLIANT


Podobny numer części - SI1032R-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1032R-T1-GE3 VISHAY-SI1032R-T1-GE3 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
More results

Podobny opis - SI1032R-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com