Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1073X-T1-E3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1073X-T1-E3
Szczegółowy opis  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1073X-T1-E3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1073X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 74285
S-82617-Rev. C, 03-Nov-08
Vishay Siliconix
Si1073X
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 30.7
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3.78
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = - 10 V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 0.98 A
0.144
0.173
Ω
VGS = - 4.5 V, ID = - 0.83 A
0.202
0.243
Forward Transconductance
gfs
VDS = - 15 V, ID = - 0.98 A
3.52
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
265
pF
Output Capacitance
Coss
51
Reverse Transfer Capacitance
Crss
39
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 4.5 V, ID = - 0.98 A
3.25
4.88
nC
VDS = - 15 V, VGS = - 10 V, ID = - 0.98 A
6.3
9.45
Gate-Source Charge
Qgs
1.02
Gate-Drain Charge
Qgd
1.47
Gate Resistance
Rg
f = 1 MHz
14
21
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 19.2 Ω
ID ≅ - 0.78 A, VGEN = - 10 V, Rg = 1 Ω
69
ns
Rise Time
tr
10
15
Turn-Off DelayTime
td(off)
14
21
Fall Time
tf
69
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 22.72 Ω
ID ≅ - 0.66 A, VGEN = - 4.5 V, Rg = 1 Ω
26
39
Rise Time
tr
28
42
Turn-Off DelayTime
td(off)
28
42
Fall Time
tf
12
18
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
8A
Body Diode Voltage
VSD
IS = - 0.63 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 0.7 A, dI/dt = 100 A/µs
14.3
21.45
nC
Body Diode Reverse Recovery Charge
Qrr
12.16
18.25
ns
Reverse Recovery Fall Time
ta
11.1
Reverse Recovery Rise Time
tb
3.2


Podobny numer części - SI1073X-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1070X VISHAY-SI1070X Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1070X VISHAY-SI1070X Datasheet
123Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1070X TFUNK-SI1070X Datasheet
150Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1070X VISHAY-SI1070X Datasheet
153Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1070X-T1-E3 VISHAY-SI1070X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

Podobny opis - SI1073X-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com