Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1450DH Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1450DH
Szczegółowy opis  N-Channel 8-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1450DH Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1450DH Datasheet HTML 1Page - Vishay Siliconix SI1450DH Datasheet HTML 2Page - Vishay Siliconix SI1450DH Datasheet HTML 3Page - Vishay Siliconix SI1450DH Datasheet HTML 4Page - Vishay Siliconix SI1450DH Datasheet HTML 5Page - Vishay Siliconix SI1450DH Datasheet HTML 6Page - Vishay Siliconix SI1450DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1450DH
New Product
Document Number: 74275
S-62079-Rev. A, 23-Oct-06
www.vishay.com
1
N-Channel 8-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET: 1.5 V Rated
100 % Rg Tested
APPLICATIONS
Load Switch for Portable Applications
- Guaranteed Operation at VGS = 1.5 V
Critical for Optimized Design and Space Savings
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
Qg (Typ)
8
0.047 at VGS = 4.5 V
4.0a
4.24 nC
0.051 at VGS = 2.5 V
4.0a
0.058 at VGS = 1.8 V
4.0a
0.069 at VGS = 1.5 V
4.0a
Ordering Information: Si1450DH-T1-E3 (Lead (Pb)-free)
Marking Code
AH
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 sec.
d. Maximum under Steady State conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6.04a
A
TC = 70 °C
4.8a
TA = 25 °C
4.53a
TA = 70 °C
3.62a
Pulsed Drain Current
IDM
15
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3
TA = 25 °C
1.3c
Maximum Power Dissipation
TC = 25 °C
PD
2.78
W
TC = 70 °C
1.78
TA = 25 °C
1.56b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 sec
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
RoHS
COMPLIANT


Podobny numer części - SI1450DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1450DH VISHAY-SI1450DH Datasheet
122Kb / 7P
   N-Channel 8-V (D-S) MOSFET
Rev. A, 23-Oct-06
More results

Podobny opis - SI1450DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com