Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ28EB-200 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części BYQ28EB-200
Szczegółowy opis  Dual Common Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYQ28EB-200 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  BYQ28EB-200 Datasheet HTML 1Page - Vishay Siliconix BYQ28EB-200 Datasheet HTML 2Page - Vishay Siliconix BYQ28EB-200 Datasheet HTML 3Page - Vishay Siliconix BYQ28EB-200 Datasheet HTML 4Page - Vishay Siliconix BYQ28EB-200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYQ28E(F,B)-100 thru BYQ28E(F,B)-200, UG(F,B)10BCT
Vishay General Semiconductor
Document Number: 88549
Revision: 07-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
0
5
15
0
50
100
150
10
Resistive or Inductive Load
Case Temperature (°C)
1
10
100
1
100
10
T
C = 105 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
100
10
1
0.1
0.01
0.2
0.4
0.8
1.4
0.6
1.0
1.2
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 5. Reverse Switching Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
1
10
100
1000
0.1
20
0
100
40
60
80
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0
50
25
50
75
100
125
10
20
30
40
Junction Temperature (°C)
t
rr
Q
rr
at 2 A, 20 A/µs
at 5 A, 50 A/µs
at 1 A, 100 A/µs
at 5 A, 50 A/µs
at 1 A, 100 A/µs
at 2 A, 20 A/µs
100
10
100
1
0.1
1
10
T
J = 125 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)


Podobny numer części - BYQ28EB-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYQ28EB-200 PHILIPS-BYQ28EB-200 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
logo
Vishay Siliconix
BYQ28EB-200-E3 VISHAY-BYQ28EB-200-E3 Datasheet
157Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYQ28EB-200HE3 VISHAY-BYQ28EB-200HE3 Datasheet
157Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
More results

Podobny opis - BYQ28EB-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 13-May-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com