Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3407DV Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI3407DV
Szczegółowy opis  P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3407DV Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI3407DV Datasheet HTML 1Page - Vishay Siliconix SI3407DV Datasheet HTML 2Page - Vishay Siliconix SI3407DV Datasheet HTML 3Page - Vishay Siliconix SI3407DV Datasheet HTML 4Page - Vishay Siliconix SI3407DV Datasheet HTML 5Page - Vishay Siliconix SI3407DV Datasheet HTML 6Page - Vishay Siliconix SI3407DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 69987
S-80673-Rev. A, 31-Mar-08
Vishay Siliconix
Si3407DV
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
-18.7
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.65
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 7.5 A
0.0200
0.0240
Ω
VGS = - 2.5 V, ID = - 6.4 A
0.0310
0.0327
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 7.5 A
25
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
1670
pF
Output Capacitance
Coss
335
Reverse Transfer Capacitance
Crss
284
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 10 V, ID = - 7.5 A
42
63
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 7.5 A
21
32
Gate-Source Charge
Qgs
6
Gate-Drain Charge
Qgd
5
Gate Resistance
Rg
f = 1 MHz
1.3
6.5
13
Ω
Turn-on Delay Time
td(on)
VDD = - 10 V, RL = 1.7 Ω
ID ≅ - 6.0 A, VGEN = - 10 V, Rg = 1 Ω
816
ns
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
65
98
Fall Time
tf
39
59
Turn-on Delay Time
td(on)
VDD = - 10 V, RL = 1.7 Ω
ID ≅ - 6.0 A, VGEN = - 4.5 V, Rg = 1 Ω
32
48
Rise Time
tr
62
93
Turn-Off Delay Time
td(off)
53
80
Fall Time
tf
38
57
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 3.5
A
Pulse Diode Forward Currenta
ISM
- 25
Body Diode Voltage
VSD
IS = - 6.0 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.0 A, di/dt = 100 A/µs, TJ = 25 °C
37
56
ns
Body Diode Reverse Recovery Charge
Qrr
22
33
nC
Reverse Recovery Fall Time
ta
12
ns
Reverse Recovery Rise Time
tb
25


Podobny numer części - SI3407DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI3407DV-T1-GE3 VBSEMI-SI3407DV-T1-GE3 Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3407DV VISHAY-SI3407DV_V01 Datasheet
238Kb / 11P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI3407DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com