Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3407DV-T1-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI3407DV-T1-E3
Szczegółowy opis  P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3407DV-T1-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI3407DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3407DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3407DV
New Product
Document Number: 69987
S-80673-Rev. A, 31-Mar-08
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
PWM Optimized
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Load Switch
- Notebook PC
- Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
- 20
0.0240 at VGS = - 4.5 V
- 8.0a
21 nC
0.0372 at VGS = - 2.5 V
- 8.0a
Ordering Information: Si3407DV-T1-E3 (Lead (Pb)-free)
(4) S
(3) G
(1, 2, 5, 6) D
TSOP-6
Top View
6
4
1
2
3
5
P-Channel MOSFET
3 mm
2.85 mm
Marking Code
07
XXX
Lot Traceability
and Date Code
Part # Code
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 8.0a
A
TC = 70 °C
- 8.0a
TA = 25 °C
- 7.5b, c
TA = 70 °C
- 6.0b, c
Pulsed Drain Current
IDM
- 25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 3.5
TA = 25 °C
- 1.7b, c
Avalanche Current
L = 0.1 mH
IAS
- 8
Single Pulse Avalanche Energy
EAS
3.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.2
W
TC = 70 °C
2.7
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
45
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
RoHS
COMPLIANT


Podobny numer części - SI3407DV-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI3407DV-T1-GE3 VBSEMI-SI3407DV-T1-GE3 Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - SI3407DV-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com