Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3586DV Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SI3586DV
Szczegółowy opis  N- and P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3586DV Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SI3586DV Datasheet HTML 1Page - Vishay Siliconix SI3586DV Datasheet HTML 2Page - Vishay Siliconix SI3586DV Datasheet HTML 3Page - Vishay Siliconix SI3586DV Datasheet HTML 4Page - Vishay Siliconix SI3586DV Datasheet HTML 5Page - Vishay Siliconix SI3586DV Datasheet HTML 6Page - Vishay Siliconix SI3586DV Datasheet HTML 7Page - Vishay Siliconix SI3586DV Datasheet HTML 8Page - Vishay Siliconix SI3586DV Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72310
S-60422-Rev. C, 20-Mar-06
Vishay Siliconix
Si3586DV
New Product
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C unless noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.1
1
10
0.00
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
- 0.4
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.00
0.05
0.10
0.15
0.20
0.25
0
1234
5
ID = 3.4 A
VGS - Gate-to-Source Voltage (V)
0.01
0
1
6
8
2
4
10
30
0.1
Time (sec)
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which rDS(on) is specified
10
0.1
0.1
1
10
100
0.01
1 ms
1
r
Limited by
DS(on)
TC = 25 °C
Single Pulse
10 ms
100 ms
dc
1 s
10 s


Podobny numer części - SI3586DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI3586DV VISHAY-SI3586DV Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
SI3586DV VISHAY-SI3586DV Datasheet
117Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI3586DV-T1-E3 VISHAY-SI3586DV-T1-E3 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
VBsemi Electronics Co.,...
SI3586DV-T1-E3 VBSEMI-SI3586DV-T1-E3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Podobny opis - SI3586DV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com