Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5858DU Arkusz danych(PDF) 9 Page - Vishay Siliconix

Numer części SI5858DU
Szczegółowy opis  N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5858DU Arkusz danych(HTML) 9 Page - Vishay Siliconix

Back Button SI5858DU Datasheet HTML 2Page - Vishay Siliconix SI5858DU Datasheet HTML 3Page - Vishay Siliconix SI5858DU Datasheet HTML 4Page - Vishay Siliconix SI5858DU Datasheet HTML 5Page - Vishay Siliconix SI5858DU Datasheet HTML 6Page - Vishay Siliconix SI5858DU Datasheet HTML 7Page - Vishay Siliconix SI5858DU Datasheet HTML 8Page - Vishay Siliconix SI5858DU Datasheet HTML 9Page - Vishay Siliconix SI5858DU Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 73460
S-81449-Rev. B, 23-Jun-08
www.vishay.com
9
Vishay Siliconix
Si5858DU
SCHOTTKY TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?73460.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.02
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.01
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 93 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Podobny numer części - SI5858DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5853CDC VISHAY-SI5853CDC Datasheet
136Kb / 10P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. B, 08-Mar-10
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1 VISHAY-SI5853DC-T1 Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5853DDC VISHAY-SI5853DDC Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 27-Oct-08
More results

Podobny opis - SI5858DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SIA810DJ VISHAY-SIA810DJ Datasheet
133Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 03-Mar-08
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SIB800EDK VISHAY-SIB800EDK Datasheet
244Kb / 11P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 22-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com