Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX384B11-V Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części BZX384B11-V
Szczegółowy opis  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B11-V Arkusz danych(HTML) 5 Page - Vishay Siliconix

  BZX384B11-V Datasheet HTML 1Page - Vishay Siliconix BZX384B11-V Datasheet HTML 2Page - Vishay Siliconix BZX384B11-V Datasheet HTML 3Page - Vishay Siliconix BZX384B11-V Datasheet HTML 4Page - Vishay Siliconix BZX384B11-V Datasheet HTML 5Page - Vishay Siliconix BZX384B11-V Datasheet HTML 6Page - Vishay Siliconix BZX384B11-V Datasheet HTML 7Page - Vishay Siliconix BZX384B11-V Datasheet HTML 8Page - Vishay Siliconix BZX384B11-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BZX384-V-Series
Document Number 85764
Rev. 1.6, 17-May-06
Vishay Semiconductors
www.vishay.com
5
Figure 7. Dynamic Resistance vs. Zener Current
Figure 8. Thermal Differential Resistance vs. Zener Voltage
Figure 9. Dynamic Resistance vs. Zener Voltage
18120
103
7
5
4
3
2
7
5
4
3
2
10
Ω
0.1
23
4 5
23
4 5
1
10 mA
r
zj
I
Z
T
j = 25 °C
47 + 51
43
39
36
102
18121
103
5
4
3
2
5
4
3
2
102
1
r
zth
5
4
3
2
10
Ω
1
23
4 5
23
4 5
10
100 V
V
Z at IZ = 5 mA
negative
positive
Δ
Δ
V
Z
T
j
r
zth = RthA x VZ x
18122
100
7
5
4
3
2
7
5
4
3
2
1
Ω
r
zj
10
T
j = 25 °C
I
Z = 5 mA
1
23
4
5
23
4
5
10
100 V
V
Z
Figure 10. Temperature Dependence of Zener Voltage vs. Zener
Voltage
Figure 11. Change of Zener Voltage vs. Junction Temperature
Figure 12. Change of Zener Voltage vs. Junction Temperature
18135
Δ
25
20
15
10
5
0
- 5
mV/°C
Δ
V
Z
T
j
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
V
27 V, I = 2 mA
5 mA
1 mA
20 mA
I
Z =
18124
V
Z at IZ = 5 mA
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
- 1
- 0.2
V
Z
V
T
j
020
40
60
80
100 120 140 C
Δ
18194
Δ
9
7
5
3
1
- 1
V
V
Z
8
6
4
2
0
0
100
60
T
j
20
40
120
80
140 °C
I
Z = 2 mA
51
43
36
V
Z at IZ = 2 mA


Podobny numer części - BZX384B11-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZX384B11-V VISHAY-BZX384B11-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384B11-V VISHAY-BZX384B11-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Podobny opis - BZX384B11-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com