Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8204B Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TDA8204B
Szczegółowy opis  NICAM DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8204B Arkusz danych(HTML) 4 Page - STMicroelectronics

  TDA8204B Datasheet HTML 1Page - STMicroelectronics TDA8204B Datasheet HTML 2Page - STMicroelectronics TDA8204B Datasheet HTML 3Page - STMicroelectronics TDA8204B Datasheet HTML 4Page - STMicroelectronics TDA8204B Datasheet HTML 5Page - STMicroelectronics TDA8204B Datasheet HTML 6Page - STMicroelectronics TDA8204B Datasheet HTML 7Page - STMicroelectronics TDA8204B Datasheet HTML 8Page - STMicroelectronics TDA8204B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I
2C BUS TIMING
SERIAL BUS (referred to VIH = 3V, VIL = 1.5V)
tLOW
tHIGH
Low Period Clock
High Period Clock
4
4
µs
µs
tSU, dAT
Data Set-up Time
250
ns
tHD, dAT
Data Hold Time
170
ns
tSU, STO
Stop Set-up Time from Clock High
4
µs
tBUF
Start Set-up Time following a Stop
4
µs
tHD, STA
Start Hold Time
4
µs
tSU, STA
Start Set-up Time following Clock Low to High Transition
4
µs
SDA
SCL
SDA
t
F
t
BUF
t
LOW
t HIGH
t HD, STA
t r
t HD, DAT
t
SU, STA
t
SU, STO
t
SU, DAT
V
IH = 3V, VIL = 1.5V
Figure 1 : I
2C Serial Bus Timing
MSB
MSB
word n - 1
right channel
f = 32 kHz
f = 896kHz
CLOCK
WS
SD OUT
word n
left channel
14 bits
word n + 1
right channel
14 bits
LSB
LSB
MSB
MSB
LSB
SD IN
2
IS
Figure 2 : I
2S Bus Timing Diagram
TDA8204B
4/12


Podobny numer części - TDA8204B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
More results

Podobny opis - TDA8204B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
   NICAM/A2/EIA-J Digital Stereo Decoder
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV8247 STMICROELECTRONICS-STV8247 Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
logo
NXP Semiconductors
TDA8732 PHILIPS-TDA8732 Datasheet
96Kb / 14P
   NICAM-728 demodulator NIDEM
April 1993
logo
Toshiba Semiconductor
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
logo
Toshiba Semiconductor
TA2047N TOSHIBA-TA2047N Datasheet
348Kb / 10P
   FILTER IC FOR NICAM
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com