Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1H90 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SB1H90
Szczegółowy opis  High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB1H90 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SB1H90 Datasheet HTML 1Page - Vishay Siliconix SB1H90 Datasheet HTML 2Page - Vishay Siliconix SB1H90 Datasheet HTML 3Page - Vishay Siliconix SB1H90 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
SB1H90 & SB1H100
Vishay General Semiconductor
Document Number: 88716
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
20
60
40
100
80
Percent of Rated Peak Reverse Voltage (%)
0.1
0.01
1
10 000
100
10
1000
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Reverse Voltage (V)
0.1
10
1
100
100
1000
10
10 000
Figure 5. Typical Transient Thermal Impedance
0.1
0.01
10
1
100
10
1
0.1
t - Pulse Duration (s)
DO-204AL (DO-41)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.


Podobny numer części - SB1H90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
SB1H90 VISHAY-SB1H90 Datasheet
71Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
logo
SUNMATE electronic Co.,...
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
   1.0A Axial Leaded High-Voltage Schottky Rectifier
More results

Podobny opis - SB1H90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MBR10HXX VISHAY-MBR10HXX_15 Datasheet
129Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 28-Jul-15
SB3H90 VISHAY-SB3H90_08 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB5H90 VISHAY-SB5H90_08 Datasheet
96Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
M10HXX VISHAY-M10HXX_15 Datasheet
118Kb / 4P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 20-Jan-15
M10HXX VISHAY-M10HXX Datasheet
135Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 16-Mar-16
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
logo
Vishay Siliconix
M30HXXCT VISHAY-M30HXXCT_15 Datasheet
131Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 22-Jan-15
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
122Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 17-Aug-15
SS2PH9 VISHAY-SS2PH9 Datasheet
104Kb / 4P
   High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
   Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
Revision: 13-Aug-13
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com