Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB3H90 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SB3H90
Szczegółowy opis  High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H90 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SB3H90_08 Datasheet HTML 1Page - Vishay Siliconix SB3H90_08 Datasheet HTML 2Page - Vishay Siliconix SB3H90_08 Datasheet HTML 3Page - Vishay Siliconix SB3H90_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SB3H90 & SB3H100
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88720
Revision: 19-May-08
2
Note:
(1) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB3H90
SB3H100
UNIT
Maximum thermal resistance (1)
RθJA
RθJL
50
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB3H100-E3/54
1.09
54
1400
13" diameter paper tape and reel
SB3H100-E3/73
1.09
73
1000
Ammo pack packaging
SB3H100HE3/54 (1)
1.09
54
1400
13" diameter paper tape and reel
SB3H100HE3/73 (1)
1.09
73
1000
Ammo pack packaging
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
Lead Temperature (°C)
1
10
100
20
10
40
60
80
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
20
40
60
80
100
0.01
0.1
1
10
100
1000
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)


Podobny numer części - SB3H90_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90_11 Datasheet
77Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-Aug-11
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

Podobny opis - SB3H90_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MBR10HXX VISHAY-MBR10HXX_15 Datasheet
129Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 28-Jul-15
SB1H90 VISHAY-SB1H90_08 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB5H90 VISHAY-SB5H90_08 Datasheet
96Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
M10HXX VISHAY-M10HXX_15 Datasheet
118Kb / 4P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 20-Jan-15
M10HXX VISHAY-M10HXX Datasheet
135Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 16-Mar-16
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
logo
Vishay Siliconix
M30HXXCT VISHAY-M30HXXCT_15 Datasheet
131Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 22-Jan-15
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
122Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 17-Aug-15
SS2PH9 VISHAY-SS2PH9 Datasheet
104Kb / 4P
   High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
   Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
Revision: 13-Aug-13
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com