Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1553C22S20K Arkusz danych(PDF) 10 Page - Vishay Siliconix

Numer części SD1553C22S20K
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C22S20K Arkusz danych(HTML) 10 Page - Vishay Siliconix

Back Button SD1553C22S20K Datasheet HTML 3Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 4Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 5Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 6Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 7Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 8Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 9Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 10Page - Vishay Siliconix SD1553C22S20K Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93169
10
Revision: 14-May-08
SD1553C..K Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
ORDERING INFORMATION TABLE
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-trr code
7
-
K = PUK case DO-200AC (K-PUK)
Device code
5
13
24
67
SD
155
3
C
30
S30
K
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95247


Podobny numer części - SD1553C22S20K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C22S20K VISHAY-SD1553C22S20K Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Podobny opis - SD1553C22S20K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K_12 Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com