Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1553C28S20K Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SD1553C28S20K
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C28S20K Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SD1553C28S20K Datasheet HTML 1Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 2Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 3Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 4Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 5Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 6Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 7Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 8Page - Vishay Siliconix SD1553C28S20K Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 93169
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD1553C..K Series
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Vishay High Power Products
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
0
5 00
100 0
15 00
20 00
180 °
120 °
90°
60°
30°
A v era g e Fo rw a rd C u rre n t ( A )
RM S L im it
Co nd uc tio n A ng le
S D 1 5 53 C ..S30 K S e ries
T = 1 5 0° C
J
0
1000
2000
3000
4000
5000
6000
7000
0
5 00
1000
1500
2000
2 50 0
3000
DC
180°
120°
90°
60°
30°
Average Forwar d Current (A)
RMS Limit
C o nd uc tion Pe riod
SD 1553C..S30K Series
T = 15 0°C
J
50 0 0
75 0 0
10 000
12 500
15 000
17 500
20 000
22 500
25 000
0
0
1
0
1
1
N um b er O f E q ua l Am p litud e H a lf C ycle C urrent Pulses (N )
In it ia l T = 1 5 0 °C
@ 60 H z 0 .00 83 s
@ 50 H z 0 .01 00 s
J
SD 1 5 5 3 C ..S2 0 K S e rie s
At An y R a t e d L o a d C o n d it io n A n d W ith
R a t e d V
A p p lie d Fo llo w in g S u rg e .
RRM
5000
7500
10000
12500
15000
17500
20000
22500
25000
0.01
0.1
1
Puls e T rain Duration (s)
In itial T = 1 50 °C
No Voltage Reapplied
Rated V
Reapplied
RR M
J
SD1553C..S20K Series
Versus Pulse Train Duration .
Maxim um Non Repetitive Surge Curren t
600 0
800 0
10 0 0 0
12 0 0 0
14 0 0 0
16 0 0 0
18 0 0 0
20 0 0 0
0
0
1
0
1
1
Nu m b e r O f E q ua l A m p litud e H a lf C yc le Cu rre nt Puls es (N )
In itia l T = 1 5 0° C
@ 60 H z 0.0 083 s
@ 50 H z 0.0 100 s
J
SD 15 53C ..S3 0 K S e ries
A t A n y R a t e d L o a d C o n d itio n A n d W it h
Ra t e d V
A p p lie d Fo llo w in g S u rg e .
RR M
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
0.01
0.1
1
Pu lse Tr a in D u ra tio n ( s)
In it ia l T = 15 0 °C
N o V o lt a g e R e a pp lie d
R a t e d V
Re a p p lie d
J
RR M
SD 1 5 5 3 C ..S 3 0 K S e rie s
V e rsu s P u lse Tra in D u ra t io n .
M a xim u m N o n R e p e t itiv e S ur g e C urre n t


Podobny numer części - SD1553C28S20K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C28S30K VISHAY-SD1553C28S30K Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Podobny opis - SD1553C28S20K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K_12 Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com