Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1700C40K Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SD1700C40K
Szczegółowy opis  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C40K Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SD1700C40K Datasheet HTML 1Page - Vishay Siliconix SD1700C40K Datasheet HTML 2Page - Vishay Siliconix SD1700C40K Datasheet HTML 3Page - Vishay Siliconix SD1700C40K Datasheet HTML 4Page - Vishay Siliconix SD1700C40K Datasheet HTML 5Page - Vishay Siliconix SD1700C40K Datasheet HTML 6Page - Vishay Siliconix SD1700C40K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93539
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD1700C..K Series
Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Vishay High Power Products
Fig. 13 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 17 - Forward Voltage Drop Characteristics
Fig. 18 - Forward Voltage Drop Characteristics
5000
10000
15000
20000
25000
0
0
1
0
1
1
Nu m b er O f E q ua l A m p lit ud e H a lf Cy c le C urrent Pulse s (N )
In itial T = 15 0°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
SD1 700C..K Series
(2400 V to 3600 V)
At An y Rated Load Condition And W ith
50% Rated V
Applied Following Surge
RRM
5000
10000
15000
20000
25000
0.01
0.1
1
Pulse Train Duration (s)
SD 1700C..K Series
(240 0V to 360 0V)
In itial T = 15 0°C
50 % Rated V
Reapplied
No V oltage Reapplied
RRM
J
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
40 00
60 00
80 00
100 0 0
120 0 0
140 0 0
160 0 0
180 0 0
200 0 0
0
0
1
0
1
1
Num b er O f Eq u a l A m p litud e H a lf Cy cle C urrent Pulses (N )
In itia l T = 1 5 0°C
@ 60 H z 0 .00 83 s
@ 50 H z 0 .01 00 s
J
At An y R a t e d L o a d C o n d itio n A n d W ith
5 0 % R a t e d V
A p plie d Fo llo w in g Su rg e
RRM
SD 1 7 0 0 C ..K S e rie s
( 4 00 0V t o 45 00V )
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
0.01
0.1
1
Pu lse Tra in D u ra t io n ( s)
In it ia l T = 1 5 0° C
50% R a t e d V
R e a p p lie d
RR M
V e rsu s P ulse T ra in D ura t io n .
M a xim u m N o n R e p e t it iv e Su rg e C u rre n t
N o V o lt ag e R e applie d
J
SD 1 7 0 0 C ..K Se rie s
(4 0 0 0 V t o 4 5 0 0 V )
100
1000
10 0 00
0. 5
1
1 .5
2
2.5
3
T = 25°C
J
Instantan eous Forward V oltage (V)
T = 1 50°C
J
SD170 0C..K Series
(24 00V to 3 600V )
10 0
1000
10000
0 .5
1
1 .522.533 .5
4
T = 25°C
J
In stan tan eous Forwa rd V oltage (V )
T = 150°C
J
SD17 00C..K Series
(40 00V to 45 00V )


Podobny numer części - SD1700C40K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1700C40K VISHAY-SD1700C40K Datasheet
173Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Podobny opis - SD1700C40K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1700C24K VISHAY-SD1700C24K_12 Datasheet
173Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com