Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1553C28S30K Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SD1553C28S30K
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C28S30K Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SD1553C28S30K Datasheet HTML 1Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 2Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 3Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 4Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 5Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 6Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 7Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 8Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93169
4
Revision: 14-May-08
SD1553C..K Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
20
40
60
80
100
120
140
160
0
5 00
10 00
1 5 00
200 0
250 0
30°
60 °
90°
120 °
180 °
A v e rag e Fo r w ard C u rre n t ( A )
Co nd uc tio n A ng le
S D 15 53C ..S 20K Se rie s
(D o u b le S id e C o o le d )
R
( D C ) = 0.02 K / W
th J- hs
20
40
60
80
100
120
140
160
0
500 1000 1500 20 00 2500 3000 3500
30 °
60°
90°
180°
DC
120°
Average For ward Cur ren t (A)
Co nd uc tio n Pe rio d
SD 1553 C..S2 0K Ser ies
(Double Side Cooled)
R
(DC) = 0.02 K/W
th J- hs
40
60
80
10 0
12 0
14 0
16 0
0
400
800
1 200
1 600
2 00 0
30 °
60°
90°
120°
18 0°
Av erage Forward Current (A)
Co nd uc tio n A ng le
SD155 3C..S30K Series
(D ouble Side Cooled)
R
(DC) = 0 .02 K/W
th J -hs
20
40
60
80
10 0
12 0
14 0
16 0
0
500
1000
1500
20 00
2500
3000
30 °
60°
90°
180°
DC
120°
Average Forward Curren t (A)
Co n d u ctio n Pe rio d
SD 155 3C..S3 0K Series
(Double Side Cooled)
R
(DC) = 0.02 K/W
th J- hs
0
50 0
10 00
15 00
20 00
25 00
30 00
35 00
40 00
45 00
50 00
0
5 00
1 0 00
15 00
200 0
180 °
120 °
90°
60°
30°
A v era g e F o rw a r d C u rre n t ( A )
RM S L im it
Cond uc tion Ang le
SD 1 5 5 3 C ..S2 0 K Se r ie s
T = 1 5 0° C
J
0
1000
2000
3000
4000
5000
6000
7000
0
500 1000 1500 20 00 25 00 3000 35 00
DC
180°
120°
90°
60°
30°
Av erage Forwa rd Current (A)
RMS L im it
Co nd uctio n P e rio d
SD 1553C..S20K Series
T = 1 50°C
J


Podobny numer części - SD1553C28S30K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C28S30K VISHAY-SD1553C28S30K Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Podobny opis - SD1553C28S30K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K_12 Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com