Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBG12 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SMBG12
Szczegółowy opis  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG12 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SMBG12 Datasheet HTML 1Page - Vishay Siliconix SMBG12 Datasheet HTML 2Page - Vishay Siliconix SMBG12 Datasheet HTML 3Page - Vishay Siliconix SMBG12 Datasheet HTML 4Page - Vishay Siliconix SMBG12 Datasheet HTML 5Page - Vishay Siliconix SMBG12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBG5.0 thru SMBG188CA
Vishay General Semiconductor
Document Number: 88456
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Peak Forward Surge Current
10
200
100
1
100
10
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
Uni-Directional Only
0.180 (4.57)
0.160 (4.06)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51) MAX.
0.058 (1.47)
0.038 (0.97)
0.255 (6.48)
0.235 (5.97)
0.030 (0.76)
0.015 (0.38)
0.155 (3.94)
0.130 (3.30)
0.083 (2.10)
0 .077 (1.96)
0.095 (2.41)
0.075 (1.90)
0.165 (4.19)
0.085 (2.16)
0.060 (1.27)
DO-215AA (SMBG)
Mounting Pad Layout
Cathode Band
0.008 (0.20)
0.002 (0.05)
Seating Plane


Podobny numer części - SMBG12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SMBG12 GE-SMBG12 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG12 MICROSEMI-SMBG12 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG12 MICROSEMI-SMBG12 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG12 MICROSEMI-SMBG12 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG12 MICROSEMI-SMBG12 Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Podobny opis - SMBG12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com