Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA2031A Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TEA2031A
Szczegółowy opis  COLOR TV EAST-WEST CORRECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2031A Arkusz danych(HTML) 4 Page - STMicroelectronics

  TEA2031A Datasheet HTML 1Page - STMicroelectronics TEA2031A Datasheet HTML 2Page - STMicroelectronics TEA2031A Datasheet HTML 3Page - STMicroelectronics TEA2031A Datasheet HTML 4Page - STMicroelectronics TEA2031A Datasheet HTML 5Page - STMicroelectronics TEA2031A Datasheet HTML 6Page - STMicroelectronics TEA2031A Datasheet HTML 7Page - STMicroelectronics TEA2031A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TEA2031A
4/11
Table 4. SYMMETRICAL PARABOLA FOR NO KEYSTONE EFFECT
(see Figure 4)
V7H
Top Parabola Voltage (2V < V1 = V2 < 3V)
10
15
V
∆V7H
Top parabola temperature drift
0.5
mV/°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
V7H – V7L
Parabola Amplitude (V2 = 2.5V ; V1 mean = 2.5V, V1pp = 3V)
3.5
5.2
6
V
∆(V7H – V7L)
Parabola amplitude drift versus temperature
1
mV/°C
Symmetry
0.8
1
1.2
V
7H
V
7L1
V
7H
V
7L2
---------------------------------


Podobny numer części - TEA2031A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
More results

Podobny opis - TEA2031A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
   EAST/WEST CORRECTION FOR DIGITAL TV-SETS
June 1989
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
   EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
logo
TEMIC Semiconductors
TDA4951 TEMIC-TDA4951 Datasheet
63Kb / 5P
   TV East/ West Correction Circuit for Square Tubes
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com