Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBYV26C Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SBYV26C
Szczegółowy opis  Glass Passivated Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SBYV26C_08 Datasheet HTML 1Page - Vishay Siliconix SBYV26C_08 Datasheet HTML 2Page - Vishay Siliconix SBYV26C_08 Datasheet HTML 3Page - Vishay Siliconix SBYV26C_08 Datasheet HTML 4Page - Vishay Siliconix SBYV26C_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBYV26C
Vishay General Semiconductor
Document Number: 88735
Revision: 20-Aug-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Instantaneous Forward Characteristics
Figure 5. Typical Reverse Leakage Characteristics
1
10
100
1
100
10
Number of Cycles at 50 Hz
T
J = TJ Max.
10 ms Single Half Sine-Wave
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
T
J = 165 °C
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
020
60
40
100
80
0.01
0.001
0.1
10
1
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 165 °C
T
J = 25 °C
Figure 6. Typical Junction Capacitance
Figure 7. Typical Transient Thermal Impedance
Reverse Voltage (V)
0.1
1
10
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
100
10
1
t - Pulse Duration (s)


Podobny numer części - SBYV26C_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SBYV26C-E3-54 VISHAY-SBYV26C-E3-54 Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
SBYV26C-E3-73 VISHAY-SBYV26C-E3-73 Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
   Ideal for printed circuit boards
Revision: 15-Nov-16
SBYV26CHE3-54 VISHAY-SBYV26CHE3-54 Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
SBYV26CHE3-73 VISHAY-SBYV26CHE3-73 Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

Podobny opis - SBYV26C_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
SBYV26C VISHAY-SBYV26C_11 Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP30A VISHAY-EGP30A_11 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP50A VISHAY-EGP50A_11 Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP50B VISHAY-FGP50B Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B Datasheet
266Kb / 3P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com