Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA5170 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części TEA5170
Szczegółowy opis  SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5170 Arkusz danych(HTML) 2 Page - STMicroelectronics

  TEA5170 Datasheet HTML 1Page - STMicroelectronics TEA5170 Datasheet HTML 2Page - STMicroelectronics TEA5170 Datasheet HTML 3Page - STMicroelectronics TEA5170 Datasheet HTML 4Page - STMicroelectronics TEA5170 Datasheet HTML 5Page - STMicroelectronics TEA5170 Datasheet HTML 6Page - STMicroelectronics TEA5170 Datasheet HTML 7Page - STMicroelectronics TEA5170 Datasheet HTML 8Page - STMicroelectronics TEA5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VMonitor
CC
Error Amplifier
2V
2.7V
LOGIC
(SYNCHRO)
OSCILLATOR
LOGIC
POWER OUTPUT
STAGE
SOFT START AND
DUTY CYCLE LIMITING
PWM
PWM
x -1
8
7
1
5
642
3
Comparator
Rt
Ct
Csf
E-
Eout
GND
V
CC
P
out
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
15
V
Tj
Operating Junction Temperature
150
°C
Tstg
Storage Temperature Range
– 40, + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
90
°C/W
RECOMMANDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
5
14
V
RT
Timing Resistor
47
180
k
CT
Timing Capacitor
0.12
1.8
nF
Fosc
Oscillator Frequency
12
250
kHz
Fsy
Synchro Frequency
12
64
kHz
Tamb
Operating Ambient Temperature
– 20
70
°C
VRT
Voltage on Pin RT (8)
7
Volt
VCT
Current on Pin CT (1)
100
µA
ISOURCE
Output Current
30
60
mA
TEA5170
2/9


Podobny numer części - TEA5170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
June 1993
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
May 1996
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
More results

Podobny opis - TEA5170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com