Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST650C24L2 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części ST650C24L2
Szczegółowy opis  Phase Control Thyristors (Hockey PUK Version), 790 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST650C24L2 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  ST650C24L2 Datasheet HTML 1Page - Vishay Siliconix ST650C24L2 Datasheet HTML 2Page - Vishay Siliconix ST650C24L2 Datasheet HTML 3Page - Vishay Siliconix ST650C24L2 Datasheet HTML 4Page - Vishay Siliconix ST650C24L2 Datasheet HTML 5Page - Vishay Siliconix ST650C24L2 Datasheet HTML 6Page - Vishay Siliconix ST650C24L2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93738
4
Revision: 13-Aug-08
ST650C..L Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version),
790 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
60
70
80
90
10 0
11 0
12 0
13 0
0
5 0
1 0 0 15 0
2 00 250 3 00 3 5 0 4 0 0
30°
60 °
90 °
120 °
180 °
A v e ra g e O n -s ta t e C u rre n t ( A )
Co nd uc tion An g le
ST 6 5 0 C ..L Se rie s
(Sin g le Sid e C o o le d )
R
( D C ) = 0 .0 7 3 K / W
th J -hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00 20 0 3 00 400 5 0 0
60 0 7 00 8 0 0
30°
60 °
90°
120 °
18 0 °
A v e ra g e O n - sta t e C u rre n t ( A )
Co nd uc tion A ng le
ST 6 5 0 C ..L Se rie s
( D ou ble S id e C o ole d )
R
( D C ) = 0 .0 3 1 K / W
thJ -h s
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00 20 0 3 00 400 5 0 0
60 0 7 00 8 0 0
30°
60 °
90°
120 °
18 0 °
A v e ra g e O n - sta t e C u rre n t ( A )
Co nd uc tion A ng le
ST 6 5 0 C ..L Se rie s
( D ou ble S id e C o ole d )
R
( D C ) = 0 .0 3 1 K / W
thJ -h s
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
2 0 0
40 0
6 00
8 0 0
1 000 1 20 0 1 4 0 0
DC
30°
60 °
90 °
120 °
180 °
A v e ra g e O n -sta te C u rre n t ( A )
Co nd uc tio n Pe rio d
ST 6 5 0 C ..L Se rie s
(D o u b le S id e C o o le d )
R
( D C ) = 0.031 K / W
th J -hs
0
250
500
750
10 0 0
12 5 0
15 0 0
17 5 0
20 0 0
0
1 00 20 0 3 00 400 5 00 600 7 00 80 0
RM S L im it
Co nd uc tio n A ng le
18 0 °
12 0 °
90°
60°
30°
A v era g e O n -st a t e C u rre n t ( A )
ST 6 5 0 C ..L Se rie s
T = 1 2 5°C
J
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
16 00
18 00
20 00
22 00
24 00
0
2 00
40 0
6 00
8 0 0
1 000 1 2 0 0 1 40 0
DC
18 0 °
12 0 °
90°
60°
30°
RM S L im it
Co nd uct io n P erio d
A v e ra g e O n -st a te C urre n t ( A )
S T 650C ..L S e ries
T = 1 2 5°C
J


Podobny numer części - ST650C24L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Superworld Electronics
ST6-10 SUPERWORLD-ST6-10 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST6-10B4 PULSE-ST6-10B4 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST6-10B4 PULSE-ST6-10B4 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST6-12 SUPERWORLD-ST6-12 Datasheet
110Kb / 1P
   POWER TRANSFORMER
ST6-120 SUPERWORLD-ST6-120 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Podobny opis - ST650C24L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-ST650CL VISHAY-VS-ST650CL_V01 Datasheet
188Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 790 A
01-Jan-2022
VS-ST650CL VISHAY-VS-ST650CL Datasheet
190Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 790 A
Revision: 21-Sep-17
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com