Zakładka z wyszukiwarką danych komponentów |
|
TIP3224PAA Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
TIP3224PAA Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 37025 Revision 05-Dec-00 www.vishay.com 2 TIP Vishay Dale Infrared Touch Panels With Controller FEATURES • Fast response time • Flexible operating modes • User transparent • Rugged construction • Sealed for environmental resistance • Immune to high or changing ambient light • RS-232C interface • Pre-assembled - no assembly or disassembly required to mount display INTERFACE SPECIFICATIONS Type: RS-232C. Data Rate: 300, 1200, 9600 baud and auto baud. Word Format: 8 bits, no parity, 1 start bit, 1 stop bit. ELECTRICAL SPECIFICATIONS Voltage: + 12 VDC ± 5%. Current: 400 mA typical. TIP products are infrared touch panels designed to fit most flat panel display technologies. The touch panels are a matrix of infrared diodes and detectors, scanning electronics, micro-processor controller, bezel/optical filter assembly and hardware to mount the touch panel and controller to the flat panel display. These touch panels are ideal for many applications including medical instrumentation, machine or process controls, point of sale devices, public information displays, banking and military. Vishay Dale ® TIP touch panels have a unique patented scan- ning l9ogic system that makes them virtually immune to most lighting environments. Optional PC based software (TBDriver, a DOS mouse emulator; and TWDriver, a Windows ® mouse emulator) provide simple touch panel integration. Windows ® is a registered trademark of the Microsoft Corporation. ENVIRONMENTAL SPECIFICATIONS Operating Temperature: 0 °C to + 55°C. Storage Temperature: - 55 °C to + 85°C. Relative Humidity: 10 - 90% non-condensing. *Other user specified filters will be designated as "S". Contact factory for availability. Any "S" filter designation will require a factory assigned dash number suffix. Filters A-D are plastic. Glass filters may be available on selected models. Note: Many additional touch panel options available to fit color LCD's and other display technologies. Please contact factory for assistance. XXX DASH NUMBER (If Required) A FILTER * MATRIX 3216 3220 3224 3526 A = Non polarized, gray B = Polarized, gray C = Non polarized, amber D = Polarized, amber S = Special - Contact factory TOUCH POINTS 63 x 31 63 x 39 63 x 47 69 x 51 TOUCH PANEL DISPLAY TECHNOLOGY ELD ELD ELD ELD MANUFACTURER Finlux Planar Finlux Planar Sharp Sharp Planar PIXELS 512 x 256 640 x 400 640 x 480 640 x 480 PART NUMBER MD512.256 EL6648MSS MD640.400 EL8358HR LJ640U27 LJ64ZU49 EL7768MS DESIGNATOR FA PA FB PB SA SB PC TIP MODEL 3216 MATRIX FA DISPLAY DESIGNATOR ORDERING INFORMATION |
Podobny numer części - TIP3224PAA |
|
Podobny opis - TIP3224PAA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |