Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX85C82 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BZX85C82
Szczegółowy opis  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C82 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BZX85C82 Datasheet HTML 1Page - Vishay Siliconix BZX85C82 Datasheet HTML 2Page - Vishay Siliconix BZX85C82 Datasheet HTML 3Page - Vishay Siliconix BZX85C82 Datasheet HTML 4Page - Vishay Siliconix BZX85C82 Datasheet HTML 5Page - Vishay Siliconix BZX85C82 Datasheet HTML 6Page - Vishay Siliconix BZX85C82 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BZX85-Series
Document Number 85607
Rev. 1.8, 31-May-07
Vishay Semiconductors
www.vishay.com
1
17173
Zener Diodes
Features
• Silicon Planar Power Zener Diodes
• For use in stabilizing and clipping circuits
with high power rating
• The Zener voltages are graded according to the
international E 24 standard. Replace suffix "C"
with "B" for ± 2 % tolerance
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: DO41 Glass case
Weight: approx. 310 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/5 k per 13" reel (52 mm tape), 25 k/box
TAP/5 k per ammo pack (52 mm tape), 25 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Parameter
Test condition
Symbol
Value
Unit
Zener current
(see Table "Electrical Characteristics")
Power dissipation
Ptot
1.31)
W
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
1101)
K/W
Junction temperature
Tj
175
°C
Storage temperature
Tstg
- 55 to + 175
°C
e2


Podobny numer części - BZX85C82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
BZX85C82 EIC-BZX85C82 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C82 SUNMATE-BZX85C82 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C82 GOOD-ARK-BZX85C82 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C82 TSC-BZX85C82 Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
Tak Cheong Electronics ...
BZX85C82 TAK_CHEONG-BZX85C82 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - BZX85C82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com