Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP3526PBB Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TIP3526PBB
Szczegółowy opis  Infrared Touch Panels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP3526PBB Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TIP3526PBB Datasheet HTML 1Page - Vishay Siliconix TIP3526PBB Datasheet HTML 2Page - Vishay Siliconix TIP3526PBB Datasheet HTML 3Page - Vishay Siliconix TIP3526PBB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 37025
Revision 05-Dec-00
www.vishay.com
2
TIP
Vishay Dale
Infrared Touch Panels
With Controller
FEATURES
• Fast response time
• Flexible operating modes
• User transparent
• Rugged construction
• Sealed for environmental resistance
• Immune to high or changing ambient light
• RS-232C interface
• Pre-assembled - no assembly or disassembly required to
mount display
INTERFACE SPECIFICATIONS
Type: RS-232C.
Data Rate: 300, 1200, 9600 baud and auto baud.
Word Format: 8 bits, no parity, 1 start bit, 1 stop bit.
ELECTRICAL SPECIFICATIONS
Voltage: + 12 VDC
± 5%.
Current: 400 mA typical.
TIP products are infrared touch panels designed to fit most flat
panel display technologies. The touch panels are a matrix of
infrared diodes and detectors, scanning electronics,
micro-processor controller, bezel/optical filter assembly and
hardware to mount the touch panel and controller to the flat
panel display. These touch panels are ideal for many
applications including medical instrumentation, machine or
process controls, point of sale devices, public information
displays, banking and military.
Vishay Dale
® TIP touch panels have a unique patented scan-
ning l9ogic system that makes them virtually immune to most
lighting environments.
Optional PC based software (TBDriver, a DOS mouse
emulator; and TWDriver, a Windows
® mouse emulator)
provide simple touch panel integration.
Windows
® is a registered trademark of the Microsoft
Corporation.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0
°C to + 55°C.
Storage Temperature: - 55
°C to + 85°C.
Relative Humidity: 10 - 90% non-condensing.
*Other user specified filters will be designated as "S". Contact factory for availability. Any "S" filter designation will require a factory assigned
dash number suffix. Filters A-D are plastic. Glass filters may be available on selected models.
Note: Many additional touch panel options available to fit color LCD's and other display technologies. Please contact factory for assistance.
XXX
DASH NUMBER
(If Required)
A
FILTER *
MATRIX
3216
3220
3224
3526
A = Non polarized, gray
B = Polarized, gray
C = Non polarized, amber
D = Polarized, amber
S = Special - Contact
factory
TOUCH POINTS
63 x 31
63 x 39
63 x 47
69 x 51
TOUCH PANEL
DISPLAY
TECHNOLOGY
ELD
ELD
ELD
ELD
MANUFACTURER
Finlux
Planar
Finlux
Planar
Sharp
Sharp
Planar
PIXELS
512 x 256
640 x 400
640 x 480
640 x 480
PART NUMBER
MD512.256
EL6648MSS
MD640.400
EL8358HR
LJ640U27
LJ64ZU49
EL7768MS
DESIGNATOR
FA
PA
FB
PB
SA
SB
PC
TIP
MODEL
3216
MATRIX
FA
DISPLAY
DESIGNATOR
ORDERING INFORMATION


Podobny numer części - TIP3526PBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
New Jersey Semi-Conduct...
TIP35 NJSEMI-TIP35 Datasheet
147Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP35 POINN-TIP35 Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP35 SAVANTIC-TIP35 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP35 ISC-TIP35 Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - TIP3526PBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
   Infrared Touch Panels
Revision 05-Dec-00
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
   Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
logo
PHOENIX CONTACT
7313 PHOENIX-7313 Datasheet
355Kb / 17P
   Touch panels with STN/FSTN or TFT display
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com