Zakładka z wyszukiwarką danych komponentów |
|
TIP3526SAB Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
TIP3526SAB Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 4 page www.vishay.com 3 TIP Vishay Dale Document Number: 37025 Revision 05-Dec-00 PIN DESCRIPTION J1 DATA CONNECTOR PIN 1 3 5 7 9 SIGNAL RD (to touch panel) + 12 (optional) CTS RTS Ground PIN 2 4 6 8 10 SIGNAL Ground + 12 (optional) Reserved Reserved TD (from touch panel) MATING CONNECTORS OTHER AMP 746288-1 MOLEX 22-01-3027 housing, 08-50-0114 terminals MOLEX 22-01-3037 housing , 08-50-0114 terminals DALE 280105-02 280108-07 280108-06 J1 J5, J6 J4 SIGNAL + 12 VDC GND J5, J6 POWER CONNECTOR PIN 1 2 J4 AUDIO FEED BACK CONNECTOR PIN 1 2 3 SIGNAL GND Beeper Signal (active low) + 5 VDC GENERAL DESCRIPTION Each Vishay Dale ® touch panel has infrared LED emitters and detectors along the X— and Y— axis, forming a grid of infrared light beams across the face of the display. The first two numbers of the TIP "matrix" number specify the number of vertical beams and the last two numbers specify the number of horizontal beams. The controller scans the emitter/detector pairs one at a time and determines whether both X and Y beams are blocked, indicating that a finger or stylus is present. (When beams are blocked on only one axis, they are ignored and not reported to the host.) The controller determines the coordinates of the touch point and reports them to the host computer. By interpolating a "virtual" beam between two physical beams, the number of touch points on each axis is effectively doubled. When an odd number of beams along either axis is blocked, the coordinate of the center physical beam is reported. When an even number of beams is blocked, the coordinate of the virtual beam in the center of the blocked beams is calculated and reported. The touch controller supports ENTER, EXIT, CONTINUOUS and TRACKING report modes or combinations of these modes. The controller also has a beeper output. Hardware handshaking, software handshaking, baud rates and auto-baud features are jumper selected. The user initializes the desired report modes and requests reports when needed. Several optical filters are standard to provide the most cost effective filter for each application. "Non-standard" filters may be specified as well. The filter increases the contrast ratio of the display and protects the display face and electronics. Vishay Dale ® can assist in recommending the optimum filter based on years of experience as a display manufacturer. The perimeter of the filter is bonded to the bezel and a bezel to front panel gasket is includedto provide a splash proof seal. COMMAND SET (A bridged) 11H 13H 20H 21H 22H 23H 24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2EH 2FxxH 34H DC1, Ctl Q, XON Software handshaking DC3, Ctl S, XOFF, Software handshaking Enable EXIT point mode Disable EXIT point mode (default) Enable ENTER point mode Disable ENTER point mode (default) Enable CONTINUOUS mode/disable TRACKING Disable CONTINUOUS mode (default) and TRACKING Enable touch panel Disable touch panel (default) Request Failed beam report Enable automatic report transfer Disable automatic report transfer (default) Request one coordinate report Reset touch panel Disable beeper (default) Sound beep, xx = duration (00H to FFH) Enable TRACKING mode/disable CONTINUOUS DIMENSIONS in inches [millimeters] Touch Frame VIEWING AREA 7.9 x 4.1 [200.66 x 104.14] 8.0 x 5.2 [203.20 x 132.08] 7.8 x 5.9 [198.12 x 149.86] 8.6 x 6.4 [218.44 x 162.56] D 5.67 [144.02] 6.950 [176.53] 7.086 [179.98] 7.532 [191.31] B 9.608 [244.04] 9.748 [247.60] 9.680 [246.0] 10.404 [264.26] C 4.86 [123.44] 6.238 [158.45] 6.687 [169.85] 7.311 [185.70] MODEL 3216 3220 3224 3526 B A D C VIEWING AREA |
Podobny numer części - TIP3526SAB |
|
Podobny opis - TIP3526SAB |