Zakładka z wyszukiwarką danych komponentów |
|
LCC20AE10R0BT0 Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
LCC20AE10R0BT0 Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 4 page LCC, TLCC Vishay Thin Film Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks www.vishay.com For technical questions, contact: thin-film@vishay.com Document Number: 60012 38 Revision: 31-Jul-08 Note • Tantalum nitride film is custom, consult factory DIMENSIONS in inches and millimeters STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS Material Passivated nichrome TCR: Tracking ± 5 ppm/°C - 55 °C to + 125 °C Absolute ± 25 ppm/°C, ± 50 ppm/°C, ± 100 ppm/°C and ± 300 ppm/°C - 55 °C to + 125 °C Tolerance: Ratio N/a Absolute ± 1.0 %, ± 0.5 %, ± 0.25 %, ± 0.1 % + 25 °C Power Rating: Resistor 50 mW max. (common circuits); 100 mW max. (isolated circuits) Max. at + 70 °C Package 500 mW Max. at + 70 °C Stability: ΔR Absolute 0.1 % 2000 h at + 70 °C ΔR Ratio 0.03 % 2000 h at + 70 °C Voltage Coefficient < 5 ppm/V typical Working Voltage 100 V Operating Temperature Range - 55 °C to + 125 °C Storage Temperature Range - 55 °C to + 150 °C Noise < - 30 dB Thermal EMF 0.008 µV/°C Shelf Life Stability: Absolute 100 ppm 1 year at + 25 °C Ratio 20 ppm 1 year at + 25 °C ABC D E F G H 16 Pin 0.050" 0.300" 0.300" 0.077" 0.025" 0.050" 0.040" 0.020" (mm) (1.27) (7.62) (7.62) (1.96) (0.635) (1.27) (1.02) (0.508) 20 Pin 0.050" 0.350" 0.350" 0.077" 0.025" 0.050" 0.040" 0.020" (mm) (1.27) (8.89) (8.89) (1.96) (0.635) (1.27) (1.02) (0.508) 24 Pin 0.050" 0.400" 0.400" 0.077" 0.025" 0.050" 0.040" 0.020" (mm) (1.27) (10.16) (10.16) (1.96) (0.635) (1.27) (1.02) (0.508) B D max. G typ. A typ. E typ. H Index corner F C Terminal #1 indicator Terminal #1 0.008" (0.203) R typ. |
Podobny numer części - LCC20AE10R0BT0 |
|
Podobny opis - LCC20AE10R0BT0 |