Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD-700-KAF-NDD-77.760 Arkusz danych(PDF) 11 Page - Vectron International, Inc

Numer części CD-700-KAF-NDD-77.760
Szczegółowy opis  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-KAF-NDD-77.760 Arkusz danych(HTML) 11 Page - Vectron International, Inc

Back Button CD-700-KAF-NDD-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 9Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 10Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 11Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 12Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 13Page - Vectron International, Inc CD-700-KAF-NDD-77.760 Datasheet HTML 14Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 11 of 14
Rev : 06Apr08
The device has been qualified to meet the JEDEC
standard for Pb-Free assembly. The temperatures
and time intervals listed are based on the Pb-Free
small body requirements. The temperatures refer to
the topside of the package, measured on the
package body surface. The CD-700 device is
hermetically sealed so an aqueous wash is not an
issue.
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R UP
R DN
Figure 11. 19.440 MHz Clock Smoothing
Table 5. Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
Figure 12. Suggested IR profile
19.440 MHz
19.440 MHz (pin 5)
2.430 MHz
pin 11
pin 13
pin 6
60k
1.0uF 90k
10k
10k, 2.2uF , 10k
CD-700
pin 15
pin16
pin 1
pin 2
pin 3
÷16
VCXO
÷8
3.3 V


Podobny numer części - CD-700-KAF-NDD-77.760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CD-700-KAF-GAB-XX.XXX ETC1-CD-700-KAF-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAF-GBB-XX.XXX ETC1-CD-700-KAF-GBB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAF-GCB-XX.XXX ETC1-CD-700-KAF-GCB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAF-GDB-XX.XXX ETC1-CD-700-KAF-GDB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAF-GEB-XX.XXX ETC1-CD-700-KAF-GEB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Podobny opis - CD-700-KAF-NDD-77.760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com