Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K101K15X7RL5.H5 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części K101K15X7RL5.H5
Szczegółowy opis  Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K101K15X7RL5.H5 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  K101K15X7RL5.H5 Datasheet HTML 1Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 2Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 3Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 4Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 5Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 6Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 7Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 8Page - Vishay Siliconix K101K15X7RL5.H5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dipped Radial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Mono-Kap
Vishay
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45171
65
Revision: 18-Jan-06
DIMENSIONS
Note
1. Bulk packed types have a standard lead length L = 25.4 mm (1.0 inch) minimum
2. Dimensions between parentheses are in inches
3. Thickness is defined as T
CAPACITOR DIMENSIONS AND WEIGHT
SIZE
WbMAX
HMAX
TMAX
MAX. SEATING HEIGHT (SH)
WEIGHT
(g)
L2
H5
K2
K5
15
4.0
(0.15)
4.0
(0.15)
2.5
(0.100)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.15
20
5.0
(0.20)
5.0
(0.20)
3.2
(0.13)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.16
H
SH
L
2.5
± 0.8
L2
H
SH
L
5.0
± 0.8
H5
Wb
H
SH
L
2.5
± 0.8
K2
Wb
H
SH
L
5.0
± 0.8
K5
Component outline for
Lead spacing 2.5
± 0.8 mm
(straight leads)
Component outline for
Lead spacing 5.0
± 0.8 mm
(flat bent leads)
Component outline for
Lead spacing 2.5
± 0.8 mm
(outside kink)
Component outline for
Lead spacing 5.0
± 0.8 mm
(outside kink)
L2 and H5 are preferred styles
Wb
T
Wb
RoHS
COMPLIANT
e3


Podobny numer części - K101K15X7RL5.H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K101K15X7RF5.H5 VISHAY-K101K15X7RF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K101K15X7RF5.H5 VISHAY-K101K15X7RF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K101K15X7RF5.L2 VISHAY-K101K15X7RF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K101K15X7RF5.L2 VISHAY-K101K15X7RF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
More results

Podobny opis - K101K15X7RL5.H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com