Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K102K15C0GF5.L2 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części K102K15C0GF5.L2
Szczegółowy opis  Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K102K15C0GF5.L2 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  K102K15C0GF5.L2 Datasheet HTML 1Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 2Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 3Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 4Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 5Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 6Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 7Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 8Page - Vishay Siliconix K102K15C0GF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45175
55
Revision: 18-Jan-06
Mono-Kap
Vishay
Dipped Radial Multilayer Ceramic Capacitors
50 - 100 Vdc
CAPACITANCE RANGE CHART
C0G (NP0) DIELECTRIC
Y5V DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
10 pF
100
••
12 pF
120
••
15 pF
150
••
18 pF
180
••
22 pF
220
••
27 pF
270
••
33 pF
330
••
39pF
390
••
47 pF
470
••
56 pF
560
••
68 pF
680
••
82 pF
820
••
100 pF
101
••
120 pF
121
••
150 pF
151
••
180 pF
181
••
220 pF
221
••
270 pF
271
••
330 pF
331
••
390 pF
391
••
470 pF
471
••
560 pF
561
••
680 pF
681
••
820 pF
821
••
1000 pF
102
••
1200 pF
122
••
1500 pF
152
••
1800 pF
182
••
2200 pF
222
••
2700 pF
272
••
3300 pF
332
••
3900 pF
392
••
4700 pF
472
••
5600 pF
562
••
6800 pF
682
8200 pF
822
0.01 µF
103
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
0.01 µF
103
••
0.015 µF
153
••
0.022 µF
223
••
0.033 µF
333
••
0.047 µF
473
••
0.068 µF
683
••
0.10 µF
104
••
0.15 µF
154
••
0.22 µF
224
••
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105
X7R DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
100 pF
101
••
120 pF
121
••
150 pF
151
••
180 pF
181
••
220 pF
221
••
270 pF
271
••
330 pF
331
••
390 pF
391
••
470 pF
471
••
560 pF
561
••
680 pF
681
••
820 pF
821
••
1000 pF
102
••
1200 pF
122
••
1500 pF
152
••
1800 pF
182
••
2200 pF
222
••
2700 pF
272
••
3300 pF
332
••
3900 pF
392
••
4700 pF
472
••
5600 pF
562
••
6800 pF
682
••
8200 pF
822
••
0.01 µF
103
••
0.012 µF
123
••
0.015 µF
153
••
0.018 µF
183
••
0.022 µF
223
••
0.027 µF
273
••
0.033 µF
333
••
0.039 µF
393
••
0.047 µF
473
••
0.056 µF
563
••
0.068 µF
683
••
0.082 µF
823
••
0.10 µF
104
••
0.15 µF
154
••
0.22 µF
224
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105


Podobny numer części - K102K15C0GF5.L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K102K15X7RF5.H5 VISHAY-K102K15X7RF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K102K15X7RF5.L2 VISHAY-K102K15X7RF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K102K15X7RF53L2 VISHAY-K102K15X7RF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K102K15X7RF5TH5 VISHAY-K102K15X7RF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K102K15X7RF5TL2 VISHAY-K102K15X7RF5TL2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Podobny opis - K102K15C0GF5.L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com