Zakładka z wyszukiwarką danych komponentów |
|
CS20604TX100G471ME Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
CS20604TX100G471ME Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 3 page www.vishay.com For technical questions, contact: ff2aresistors@vishay.com Document Number: 31519 1 Revision: 07-Aug-08 CS206 Vishay Dale Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP FEATURES • 4 to 18 pins available • X7R and COG capacitors available • Low cross talk • Custom design capability • “B” 0.250" [6.35 mm], “C” 0.350" [8.89 mm] and “E” 0.325" [8.26 mm] maximum seated height available, dependent on schematic • 10K ECL terminators, Circuits E and M. 100K ECL terminators, Circuit A. Line terminator, Circuit T Capacitor Temperature Coefficient: COG maximum 0.15 %, X7R maximum 2.5 % Package Power Rating (maximum at 70 °C): 8 PINS = 0.80 W 9 PINS = 0.90 W 10 PINS = 1.00 W EIA Characteristics: COG and X7R (COG capacitors may be substituted for X7R capacitors) SCHEMATICS in inches [millimeters] Available e1 STANDARD ELECTRICAL SPECIFICATIONS VISHAY DALE MODEL PROFILE SCHEMATIC RESISTOR CHARACTERISTICS CAPACITOR CHARACTERISTICS POWER RATING P70°C W RESISTANCE RANGE Ω RESISTANCE TOLERANCE ± % TEMP. COEFF. ± ppm/°C T.C.R. TRACKING ± ppm/°C CAPACITANCE RANGE CAPACITANCE TOLERANCE ± % CS206 B E M 0.125 10 - 1M 2, 5 200 100 0.01 µF 10 (K), 20 (M) CS206 C T 0.125 10 - 1M 2, 5 200 100 33 pF to 0.1 µF 10 (K), 20 (M) CS206 E A 0.125 10 - 1M 2, 5 200 100 0.01 µF 10 (K), 20 (M) TECHNICAL SPECIFICATIONS PARAMETER UNIT CS206 Operating Voltage (at + 25 °C) VAC 50 maximum Dissipation Factor (maximum) % C0G = 0.15; X7R = 2.5 Insulation Resistance (at + 25 °C/rated voltage) M Ω 100 000 Dielectric Test V 2.5 x rated voltage Operating Temperature Range °C - 55 to + 125 °C GLOBAL PART NUMBER INFORMATION New Global Part Numbering: 20608EC103G471KP (preferred part numbering format) GLOBAL MODEL PIN COUNT PACKAGE/ SCHEMATIC CHARACTERISTIC RESISTANCE VALUE RES. TOLERANCE CAPACITANCE VALUE CAP. TOLERANCE PACKAGING SPECIAL 206 = CS206 04 = 4 Pin 08 = 8 Pin 18 = 18 Pin E = BE M = BM A = EA T = CT S = Special C = COG X = X7R S= Special 2 digit significant figure, followed by a multiplier 100 = 10 Ω 333 = 33 k Ω 105 = 1 M Ω G = ± 2 % J = ± 5 % S = Special (in pF) 2 digit significant figure, followed by a multiplier 330 = 33 pF 392 = 3900 pF 104 = 0.1 µF K = ± 10 % M = ± 20 % S = Special E = Lead (Pb)-free, Bulk P = Tin/Lead, Bulk Blank = Standard (Dash Number) (up to 2 digits) Historical Part Number example: CS20608BEC103G471KP03 (will continue to be accepted) CS206 08 B E C 103 G 471 KP03 HISTORICAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC CHARACTERISTIC RESISTANCE VALUE RESISTANCE TOLERANCE CAPACITANCE VALUE CAPACITANCE TOLERANCE PACKAGING 0.250" [6.35] High ("B" Profile) 1 2 3 4 5 6 7 N Circuit E 0.250" [6.35] High ("B" Profile) 1 2 3 4 5 6 7 N Circuit M 0.325" [8.26] High ("E" Profile) 1 2 3 4 5 6 7 8 9 10 Circuit A 0.350" [8.89] High ("C" Profile) 1 2 3 4 5 6 7 N Circuit T 2 0 6 0 8 E C 1 0 3 G 4 7 1 K P |
Podobny numer części - CS20604TX100G471ME |
|
Podobny opis - CS20604TX100G471ME |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |