Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5410 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5410
Szczegółowy opis  Single Channel, 16-Bit, Serial Input, Current Source DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5410 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5410_08 Datasheet HTML 2Page - Analog Devices AD5410_08 Datasheet HTML 3Page - Analog Devices AD5410_08 Datasheet HTML 4Page - Analog Devices AD5410_08 Datasheet HTML 5Page - Analog Devices AD5410_08 Datasheet HTML 6Page - Analog Devices AD5410_08 Datasheet HTML 7Page - Analog Devices AD5410_08 Datasheet HTML 8Page - Analog Devices AD5410_08 Datasheet HTML 9Page - Analog Devices AD5410_08 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
AD5410/AD5420
Preliminary Technical Data
Rev. PrE | Page 6 of 30
AC PERFORMANCE CHARACTERISTICS
AVDD = 10.8V to 40V/60V1, AGND = DGND = 0 V, REFIN= +5 V external; DVCC = 2.7 V to 5.5 V, RL = 300Ω, HL = 50mH;
all specifications TMIN to TMAX, 0 to 24 mA range unless otherwise noted.
Table 3.
Parameter2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Current Settling Time
TBD
µs typ
To 0.1% FSR , L = 1H
TBD
µs typ
To 0.1% FSR , L < 1mH
AC PSRR
TBD
dB
200mV 50/60 Hz sinewave
superimposed on power supply voltage
1 Maximum supply for the AD5410/AD5420BREZ is 40V, Maximum supply for the AD5410/AD5420BCPZ is 60V
2 Guaranteed by design and characterization, not production tested.


Podobny numer części - AD5410_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5410 AD-AD5410 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
More results

Podobny opis - AD5410_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com