Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5764RBSUZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5764RBSUZ-REEL7
Szczegółowy opis  Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5764RBSUZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5764RBSUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5764R
Rev. 0 | Page 5 of 32
Parameter
B Grade1
C Grade1
Unit
Test Conditions/Comments
DIGITAL INPUTS2
DVCC = 2.7 V to 5.25 V
Input High Voltage, VIH
2.4
2.4
V min
Input Low Voltage, VIL
0.8
0.8
V max
Input Current
±1.2
±1.2
μA max
Per pin
Pin Capacitance
10
10
pF max
Per pin
DIGITAL OUTPUTS (D0, D1, SDO)2
Output Low Voltage
0.4
0.4
V max
DVCC = 5 V ± 5%, sinking 200 μA
Output High Voltage
DVCC − 1
DVCC − 1
V min
DVCC = 5 V ± 5%, sourcing 200 μA
Output Low Voltage
0.4
0.4
V max
DVCC = 2.7 V to 3.6 V,
sinking 200 μA
Output High Voltage
DVCC − 0.5
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V,
sourcing 200 μA
High Impedance Leakage Current
±1
±1
μA max
SDO only
High Impedance Output Capacitance
5
5
pF typ
SDO only
DIE TEMPERATURE SENSOR2
Output Voltage at 25°C
1.47
1.47
V typ
Die temperature
Output Voltage Scale Factor
5
5
mV/°C typ
Output Voltage Range
1.175/1.9
1.175/1.9
V min/V max
−40°C to +105°C
Output Load Current
200
200
μA max
Current source only
Power-On Time
10
10
ms typ
POWER REQUIREMENTS
AVDD/AVSS
11.4/16.5
11.4/16.5
V min/V max
DVCC
2.7/5.25
2.7/5.25
V min/V max
Power Supply Sensitivity2
∆VOUT/∆ΑVDD
−85
−85
dB typ
AIDD
3.55
3.55
mA/channel max
Outputs unloaded
AISS
2.8
2.8
mA/channel max
Outputs unloaded
DICC
1.2
1.2
mA max
VIH = DVCC, VIL = DGND, 750 μA typ
Power Dissipation
275
275
mW typ
±12 V operation output unloaded
1 Temperature range: −40°C to +85°C; typical at +25°C. Device functionality is guaranteed to +105°C with degraded performance.
2 Guaranteed by design and characterization; not production tested.
3 Output amplifier headroom requirement is 1.4 V minimum.


Podobny numer części - AD5764RBSUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5764RBSUZ-REEL7 AD-AD5764RBSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Podobny opis - AD5764RBSUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com