Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9522-4 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9522-4
Szczegółowy opis  12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9522-4 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9522-4 Datasheet HTML 6Page - Analog Devices AD9522-4 Datasheet HTML 7Page - Analog Devices AD9522-4 Datasheet HTML 8Page - Analog Devices AD9522-4 Datasheet HTML 9Page - Analog Devices AD9522-4 Datasheet HTML 10Page - Analog Devices AD9522-4 Datasheet HTML 11Page - Analog Devices AD9522-4 Datasheet HTML 12Page - Analog Devices AD9522-4 Datasheet HTML 13Page - Analog Devices AD9522-4 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
AD9522-4
Rev. 0 | Page 10 of 84
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS ABSOLUTE PHASE NOISE
Internal VCO; VCO divider = 3; LVDS output and
for loop bandwidths < 1 kHz
VCO = 1.8 GHz; Output = 600 MHz
@ 1 kHz Offset
−64
dBc/Hz
@ 10 kHz Offset
−93
dBc/Hz
@ 100 kHz Offset
−116
dBc/Hz
@ 1 MHz Offset
−135
dBc/Hz
@ 10 MHz Offset
−148
dBc/Hz
@ 40 MHz Offset
−151
dBc/Hz
VCO = 1.6 GHz; Output = 533 MHz
@ 1 kHz Offset
−66
dBc/Hz
@ 10 kHz Offset
−96
dBc/Hz
@ 100 kHz Offset
−120
dBc/Hz
@ 1 MHz Offset
−137
dBc/Hz
@ 10 MHz Offset
−149
dBc/Hz
@ 40 MHz Offset
−151
dBc/Hz
VCO = 1.4 GHz; Output = 467 MHz
@ 1 kHz Offset
−71
dBc/Hz
@ 10 kHz Offset
−101
dBc/Hz
@ 100 kHz Offset
−124
dBc/Hz
@ 1 MHz Offset
−140
dBc/Hz
@ 10 MHz Offset
−150
dBc/Hz
@ 40 MHz Offset
−152
dBc/Hz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is
clean, so a wider PLL loop bandwidth is
used; reference = 15.36 MHz; R DIV = 1
VCO = 1475 MHz; LVDS = 245.76 MHz; PLL LBW = 55 kHz
127
fs rms
Integration BW = 200 kHz to 10 MHz
285
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 1475 MHz; LVDS = 122.88 MHz; PLL LBW = 55 kHz
145
fs rms
Integration BW = 200 kHz to 10 MHz
299
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 1475 MHz; LVDS = 61.44 MHz; PLL LBW = 55 kHz
194
fs rms
Integration BW = 200 kHz to 10 MHz
351
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO)
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is jittery,
so a narrower PLL loop bandwidth is used;
reference = 19.44 MHz; R DIV = 162
VCO = 1400 MHz; LVDS = 155.52 MHz; PLL LBW = 1.8 kHz
372
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 1475 MHz; LVDS = 122.88 MHz; PLL LBW = 1.8 kHz
418
fs rms
Integration BW = 12 kHz to 20 MHz


Podobny numer części - AD9522-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator
AD9522-0/PCBZ AD-AD9522-0/PCBZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0BCPZ AD-AD9522-0BCPZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-0BCPZ AD-AD9522-0BCPZ Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator
More results

Podobny opis - AD9522-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-1 AD-AD9522-1 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
REV. 0
AD9522-1 AD-AD9522-1_15 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
AD9522-2 AD-AD9522-2 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9522-2 AD-AD9522-2_15 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
AD9522-0 AD-AD9522-0 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9522-3 AD-AD9522-3 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
REV. 0
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com