Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10XS3412CPNA Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC10XS3412CPNA
Szczegółowy opis  Quad High Side Switch (Dual 10m廓, Dual 12m廓)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412CPNA Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 13Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 14Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
10XS3412
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3 (continued)
CSR0 Current Recopy Temperature Drift (6.0V < VHS[0:3] < 20V)
with 28W bit=0(15)
Output Current
5.0A
Δ(CSR0_0)/
Δ(T)
0.04
%/
°C
Current Sense Ratio (CSR1) Accuracy (6.0V < VHS[0:3] < 20V)
with 28W bit=0
Output Current
12.5A
75A
CSR1_0_ACC
-17
-12
+17
+12
%
Current Sense Clamp Voltage
CSNS Open; IHS[0:3] = 5.0A with CSR0 ratio
VCL(CSNS)
VDD+0.25
VDD+1.0
V
OFF Open-load Detection Source Current(16)
IOLD(OFF)
30
100
μA
OFF Open-load Fault Detection Voltage Threshold
VOLD(THRES)
2.0
3.0
4.0
V
ON Open-load Fault Detection Current Threshold
IOLD(ON)
100
300
600
mA
ON Open-load Fault Detection Current Threshold with LED
VHS[0:3] = VPWR - 0.75V
IOLD(ON_LED)
2.5
5.0
10
mA
Output Short to VPWR Detection Voltage Threshold
Output programmed OFF
VOSD(THRES)
VPWR-1.2 VPWR-0.8 VPWR-0.4
V
Output Negative Clamp Voltage
0.5A < IHS[0:3] < 5.0A, Output programmed OFF
VCL
-22
-16
V
Output Over-temperature Shutdown for 4.5V < VPWR < 28V
TSD
155
175
195
°C
Notes
15.
Based on statistical data: delta(CSR0)/delta(T)={(measured ICSNS at T1 - measured ICSNS at T2) / measured ICSNS at room} / {T1-T2}. No
production tested.
16.
Output OFF Open-Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open-load condition when the specific output is commanded OFF. Pull-up current is measured for VHS=VOLD(THRES)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 20V, 3.0V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC10XS3412CPNA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Podobny opis - MC10XS3412CPNA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com